Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7164L20TP Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7164L20TP
Description  CMOS STATIC RAM 64K (8K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7164L20TP Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7164L20TP Datasheet HTML 1Page - Integrated Device Technology IDT7164L20TP Datasheet HTML 2Page - Integrated Device Technology IDT7164L20TP Datasheet HTML 3Page - Integrated Device Technology IDT7164L20TP Datasheet HTML 4Page - Integrated Device Technology IDT7164L20TP Datasheet HTML 5Page - Integrated Device Technology IDT7164L20TP Datasheet HTML 6Page - Integrated Device Technology IDT7164L20TP Datasheet HTML 7Page - Integrated Device Technology IDT7164L20TP Datasheet HTML 8Page - Integrated Device Technology IDT7164L20TP Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
6.1
4
IDT7164S/L
CMOS STATIC RAM 64K (8K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V
± 10%)
IDT7164S
IDT7164L
Symbol
Parameter
Test Condition
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage Current
VCC = Max.,
MIL.
10
5
µA
VIN = GND to VCC
COM’L.
5
2
|ILO|
Output Leakage Current
VCC = Max.,
CS1 = VIH,
MIL.
10
5
µA
VOUT = GND to VCC
COM’L.
5
2
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
0.4
0.4
V
IOL = 10mA, VCC = Min.
0.5
0.5
VOH
Output High Voltage
IOH = –4mA, VCC = Min.
2.4
2.4
V
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
AC Test Load
See Figures 1 and 2
2967 tbl 10
*Includes scope and jig capacitances
Figure 2. AC Test Load
(for tCLZ1, tCLZ2, tOLZ, tCHZ1, tCHZ2, tOHZ, tOW, and tWHZ)
Figure 1. AC Test Load
DATA RETENTION CHARACTERISTICS OVER ALL TEMPERATURE RANGES
(L Version Only) (VLC = 0.2V, VHC = VCC - 0.2V)
Typ.
(1)
Max.
VCC @VCC @
Symbol
Parameter
Test Condition
Min.
2.0v
3.0V
2.0V
3.0V
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
MIL.
10
15
200
300
µA
COM’L.
10
15
60
90
tCDR
(3)
Chip Deselect to Data
1.
CS1 ≥ VHC
0—
ns
Retention Time
CS2
≥ VHC, or
tR
(3)
Operation Recovery Time
2. CS2
≤ VLC
tRC
(2)
——
——
ns
|ILI|
(3)
Input Leakage Current
2
2
µA
NOTES:
2967 tbl 09
1. TA = +25
°C.
2. tRC = Read Cycle Time.
3. This parameter is guaranteed by device characterization, but is not production tested.
2967 drw 03
480
30pF*
255
DATA OUT
5V
2967 drw 04
480
5pF*
255
DATA OUT
5V
2967 tbl 08


Similar Part No. - IDT7164L20TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7164L IDT-IDT7164L Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164LL IDT-IDT7164LL Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164LS IDT-IDT7164LS Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
More results

Similar Description - IDT7164L20TP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com