Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE6.8-600A Datasheet(PDF) 5 Page - Bruckewell Technology LTD

Part # P6KE6.8-600A
Description  Glass passivated jungtion chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P6KE6.8-600A Datasheet(HTML) 5 Page - Bruckewell Technology LTD

  P6KE6.8-600A Datasheet HTML 1Page - Bruckewell Technology LTD P6KE6.8-600A Datasheet HTML 2Page - Bruckewell Technology LTD P6KE6.8-600A Datasheet HTML 3Page - Bruckewell Technology LTD P6KE6.8-600A Datasheet HTML 4Page - Bruckewell Technology LTD P6KE6.8-600A Datasheet HTML 5Page - Bruckewell Technology LTD P6KE6.8-600A Datasheet HTML 6Page - Bruckewell Technology LTD P6KE6.8-600A Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P6KE6.8-600A
VBR : 6.8 - 600 Volts
PPK : 600 Watts
Publication Order Number: [P6KE6.8-600A]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
P6KE400
360
440
1.0
324
5.0
0.70
574
0.110
P6KE400A
380
420
1.0
342
5.0
0.73
548
0.110
P6KE440
396
484
1.0
356
5.0
0.95
631
0.110
P6KE440A
418
462
1.0
376
5.0
1.00
602
0.110
P6KE480
432
528
1.0
389
5.0
0.88
686
0.110
P6KE480A
456
504
1.0
408
5.0
0.90
658
0.110
P6KE510
459
561
1.0
413
5.0
0.82
729
0.110
P6KE510A
485
535
1.0
434
5.0
0.86
698
0.110
P6KE530
477
583
1.0
457
5.0
0.76
798
0.110
P6KE530A
503
556.5
1.0
477
5.0
0.80
725
0.110
P6KE540
486
594
1.0
437
5.0
0.78
772
0.110
P6KE540A
513
567
1.0
459
5.0
0.81
740
0.110
P6KE550
495
605
1.0
470
5.0
0.76
836
0.110
P6KE550A
522.5
577.5
1.0
495
5.0
0.80
760
0.110
P6KE600
540
660
1.0
490
5.0
0.71
911
0.110
P6KE600A
570
630
1.0
512
5.0
0.75
828
0.110
Note:
( 1 ) VBR measured a
fter It applied for 300 μs., It = square wave pulse or equivalent.
( 2 ) VF = 3.5 Vmax., IF = 50 Amps. ( 6.8 Volts thru 91 Volts ); VF = 5.0 Vmax., IF = 50 Amps. ( 100 Volts thru
440 Volts )
add VF = 6.5 Vmax. IF = 50 Amps ( 480 Volts thru 600 Volts). PW = 8.3 ms, duty cycle = 4 pulses per minute
maximum.
( 3 ) For Bipolar types moving VR of 10 Volts and under, the IR limit is doubled.
( 4 ) "6KE" will be omitted in marking on the diode.


Similar Part No. - P6KE6.8-600A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
P6KE6.8-C-A DIOTECH-P6KE6.8-C-A Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Comchip Technology
P6KE6.8-G COMCHIP-P6KE6.8-G Datasheet
132Kb / 5P
   600W Transient Voltage Suppressor
P6KE6.8-G COMCHIP-P6KE6.8-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE6.8-600A

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
P6KE6.8C-600CA BWTECH-P6KE6.8C-600CA Datasheet
581Kb / 7P
   Glass passivated jungtion chip
logo
Comchip Technology
1N4728A-G COMCHIP-1N4728A-G Datasheet
125Kb / 6P
   Glass passivated chip.
logo
Micro Commercial Compon...
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
   Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
   Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
   Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
   Glass passivated chip
logo
StarHope
ASB20A SPSEMI-ASB20A Datasheet
1Mb / 4P
   Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
   Glass passivated chip
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
   Glass passivated chip
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
   Glass passivated chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com