Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72615L50PF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72615L50PF
Description  CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72615L50PF Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72615L50PF Datasheet HTML 1Page - Integrated Device Technology IDT72615L50PF Datasheet HTML 2Page - Integrated Device Technology IDT72615L50PF Datasheet HTML 3Page - Integrated Device Technology IDT72615L50PF Datasheet HTML 4Page - Integrated Device Technology IDT72615L50PF Datasheet HTML 5Page - Integrated Device Technology IDT72615L50PF Datasheet HTML 6Page - Integrated Device Technology IDT72615L50PF Datasheet HTML 7Page - Integrated Device Technology IDT72615L50PF Datasheet HTML 8Page - Integrated Device Technology IDT72615L50PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IDT72605/IDT72615 CMOS SyncBiFIFO
256 x 18 x 2 and 512 x 18 x 2
COMMERCIAL TEMPERATURE RANGE
5.18
5
RECOMMENDED DC
OPERATING CONDITIONS
Symbol
Parameter
Min. Typ. Max. Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
VIL(1)
Input Low Voltage
0.8
V
NOTE:
2704 tbl 04
1. 1.5V undershoots are allowed for 10ns once per cycle.
PIN DESCRIPTION (Continued)
Symbol
Name
I/O
Description
2704 tbl 02
FFBA
B
→A Full Flag
O
When
FFBA is LOW, the B→A FIFO is full and further data writes into Port B are inhibited.
When
FFBA is HIGH, the FIFO is not full. FFBA is synchronized to CLKB. In bypass mode,
FFBA tells Port B that a message is waiting in Port A’s output register. If FFBA is LOW, a
bypass message is in the register. If
FFBA is HIGH, Port A has read the message and another
message can be written into Port B.
BYPB
Port B Bypass
O
This flag informs Port B that the Synchronous BiFIFO is in bypass mode. When BYPB is
Flag
LOW, Port A has placed the FIFO into bypass mode. If
BYPB is HIGH, the Synchronous
BiFIFO passes data into memory.
BYPB is synchronized to CLKB.
RS
Reset
I
A LOW on this pin will perform a reset of all Synchronous BiFIFO functions.
VCC
Power
There are three +5V power pins for the PLCC and PGA packages and two for the TQFP.
GND
Ground
There are seven ground pins for the PLCC and PGA packages and four for the TQFP.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Com’l.
Mil.
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to Ground
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
IOUT
DC Output Current
50
50
mA
NOTE:
2704 tbl 03
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2704 tbl 05
CAPACITANCE (TA = +25
°C, F = 1.0MHz)
Symbol
Parameter
Conditions
Max.
Unit
CIN(2)
Input Capacitance
VIN = 0V
10
pF
COUT(1,2)
Output Capacitance
VOUT = 0V
10
pF
NOTES:
1. With output deselected.
2. Characterized values, not currently tested.
2704 tbl 06
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C)
IDT72615L
IDT72605L
Commercial
tCLK = 20, 25, 35, 50ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
IIL
(1)
Input Leakage Current (Any Input)
–1
1
µA
IOL
(2)
Output Leakage Current
–10
10
µA
VOH
Output Logic "1" Voltage IOUT = –2mA
2.4
V
VOL
Output Logic "0" Voltage IOUT = 8mA
0.4
V
ICC
(3)
Average VCC Power Supply Current
230
mA
NOTES:
1. Measurements with 0.4V
≤ VIN ≤ VCC.
2.
OEA, OEB ≥ VIH; 0.4 ≤ VOUT ≤ VCC.
3. Tested with outputs open. Testing frequency f=20MHz


Similar Part No. - IDT72615L50PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72615 RENESAS-IDT72615 Datasheet
490Kb / 18P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
More results

Similar Description - IDT72615L50PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com