Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72261L12GB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72261L12GB
Description  CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72261L12GB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72261L12GB Datasheet HTML 7Page - Integrated Device Technology IDT72261L12GB Datasheet HTML 8Page - Integrated Device Technology IDT72261L12GB Datasheet HTML 9Page - Integrated Device Technology IDT72261L12GB Datasheet HTML 10Page - Integrated Device Technology IDT72261L12GB Datasheet HTML 11Page - Integrated Device Technology IDT72261L12GB Datasheet HTML 12Page - Integrated Device Technology IDT72261L12GB Datasheet HTML 13Page - Integrated Device Technology IDT72261L12GB Datasheet HTML 14Page - Integrated Device Technology IDT72261L12GB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
IDT72261/72271 SyncFIFO
16,384 x 9, 32,768 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Figure 3. Offset Register Location and Default Values
The
IR status not only measures the contents of the FIFO
memory, but also counts the presence of a word in the output
register. Thus, in FWFT mode, the total number of writes
necessary to deassert
IR is one greater than needed to assert
FF in IDT Standard mode.
FF/IR is synchronized to WCLK. It is double-registered to
enhance metastable immunity.
EMPTY FLAG (
EF
EF/OR
OR)
This is a dual purpose pin. In the IDT Standard Mode, the
Empty Flag (
EF) function is selected. When the FIFO is empty
(i.e. the read pointer catches up to the write pointer),
EF will go
LOW, inhibiting further read operations. When
EF is HIGH,
the FIFO is not empty.
When writing the first word to an empty FIFO, the deassertion
time of
EF is variable, and can be represent by the First Word
Latency parameter, tFWL1, which is measured from the rising
WCLK edge that writes the first word to the rising RCLK edge
that updates the flag. tFWL1 includes any delays due to clock
skew and can be expressed as follows:
tFWL1 max. = 10*Tf + 2*TRCLK (in ns)
where Tf is either the RCLK or the WCLK period, whichever
is shorter, and TRCLK is the RCLK period. Since no read can
take place until
EF goes HIGH, the tFWL1 delay determines
how early the first word can be available at Qn. This delay has
no effect on the reading of subsequent words.
equal to or less than the cycle period of the non-selected
clock.
The selected clock must be continuous. It is, however,
permissible to stop the non-selected clock. Note, so long as
RCLK is idle,
EF/OR and PAE will not be updated. Likewise,
as long as WCLK is idle,
FF/IR and PAF will not be updated.
Changing the FS setting during FIFO operation (i.e. read-
ing or writing) is not permitted; however, such a change at the
time of Master Reset or Partial Reset is all right. FS is an
asynchronous input.
OUTPUTS:
FULL FLAG (
FF
FF/IR
IR)
This is a dual purpose pin. In IDT Standard Mode, the Full
Flag (
FF) function is selected. When the FIFO is full (i.e. the
write pointer catches up to the read pointer),
FF will go LOW,
inhibiting further write operation. When
FF is HIGH, the FIFO
is not full. If no reads are performed after a reset (either
MRS
or
PRS), FF will go LOW after 16,384 writes tor the IDT72261
and 32,768 writes to the IDT72271.
In FWFT Mode, the Input Ready (
IR) function is selected. IR
goes LOW when memory space is available for writing in
data. When there is no longer any free space left,
IR goes
HIGH, inhibiting further write operation.
If no reads are
performed after a reset (either
MRS or PRS), IR will go HIGH
after 16,385 writes for the IDT72261 and 32,769 writes for the
IDT72271.
NOTE:
1. Any bits of the offset register not being programmed should be set to zero.
EMPTY OFFSET (LSB) REG.
87
0
EMPTY OFFSET (MSB) REG.
00H
8
5
0
3036 drw 05
72261 – 16,384 x 9–BIT
FULL OFFSET (LSB) REG.
87
0
FULL OFFSET (MSB) REG.
00H
8
5
0
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
EMPTY OFFSET (LSB) REG.
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
87
0
EMPTY OFFSET (MSB) REG.
00H
8
6
0
3036 drw 06
72271 – 32,768 x 9–BIT
FULL OFFSET (LSB) REG.
87
0
FULL OFFSET (MSB) REG.
00H
8
6
0
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset


Similar Part No. - IDT72261L12GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72261LA10PF IDT-IDT72261LA10PF Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72261LA10PFI IDT-IDT72261LA10PFI Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - IDT72261L12GB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72255 IDT-IDT72255 Datasheet
394Kb / 30P
   CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
logo
Renesas Technology Corp
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
IDT72V2101 RENESAS-IDT72V2101 Datasheet
388Kb / 28P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Toshiba Semiconductor
TC55329P TOSHIBA-TC55329P Datasheet
307Kb / 8P
   32,768 WORD x 9 BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com