Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73391-0042 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73391-0042
Description  50 Ohms, SMA 4 Hole Flange, Jack Receptacle, Solder Pot Contact, One Piece Per Bag
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73391-0042 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73391-0042 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73391-0042
Status:
Active
Overview:
SMA RF Connectors
Description:
50 Ohms, SMA 4 Hole Flange, Jack Receptacle, Solder Pot Contact, One Piece Per
Bag
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73391
Overview
SMA RF Connectors
Product Name
SMA
Style
Hookup Wire
UPC
884982654969
Wire/Cable Type
0.79mm max.
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
2.580/g
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Tray
Panel Mount
Yes
Panel Mount Method
Flange
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73391-004
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73391Series
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73391-0042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73391-0042 MOLEX-73391-0042 Datasheet
82Kb / 1P
   SMA JACK RECEPTACLE 4 HOLE FLANGE 50 OHMS SMA-JR EWR-N/A
2011/04/20
More results

Similar Description - 73391-0042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0733910042 MOLEX-0733910042_V01 Datasheet
47Kb / 1P
   50 Ohms, SMA 4 Hole Flange, Jack Receptacle, Solder Pot Contact, One Piece Per
73216-2720 MOLEX11-73216-2720 Datasheet
33Kb / 1P
   50 Ohms, TNC 4 Hole Flange, Jack Receptacle, Solder Pot, One Piece Per Bag
0732162720 MOLEX11-0732162720 Datasheet
29Kb / 1P
   50 Ohms, TNC 4 Hole Flange, Jack Receptacle, Solder Pot, One Piece Per Bag
0732162720 MOLEX-0732162720_V01 Datasheet
30Kb / 1P
   50 Ohms, TNC 4 Hole Flange, Jack Receptacle, Solder Pot, One Piece Per Bag
0731713080 MOLEX11-0731713080 Datasheet
60Kb / 1P
   50 Ohms, BNC Bulkhead Jack Receptacle, Solder Pot, One Piece Per Bag
0731713080 MOLEX-0731713080_V01 Datasheet
53Kb / 1P
   50 Ohms, BNC Bulkhead Jack Receptacle, Solder Pot, One Piece Per Bag
73100-0195 MOLEX11-73100-0195 Datasheet
33Kb / 1P
   50 Ohms, BNC Bulkhead Jack Receptacle, Solder Pot, One Piece Per Bag
0733910042 MOLEX11-0733910042 Datasheet
56Kb / 1P
   50 Ohms, SMA 4 Hole Flange, Jack Receptacle, Solder Pot Contact
73251-3140 MOLEX11-73251-3140 Datasheet
36Kb / 1P
   50 Ohms, SMA PCB Jack Receptacle, One Piece Per Bag
0731155003 MOLEX6-0731155003 Datasheet
53Kb / 1P
   50 Ohms, BNC Panel Isolated, Bulkhead Jack Receptacle, Solder Pot, One Piece Per Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com