Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6168SA25PI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT6168SA25PI
Description  CMOS STATIC RAM 16K (4K x 4-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6168SA25PI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT6168SA25PI Datasheet HTML 1Page - Integrated Device Technology IDT6168SA25PI Datasheet HTML 2Page - Integrated Device Technology IDT6168SA25PI Datasheet HTML 3Page - Integrated Device Technology IDT6168SA25PI Datasheet HTML 4Page - Integrated Device Technology IDT6168SA25PI Datasheet HTML 5Page - Integrated Device Technology IDT6168SA25PI Datasheet HTML 6Page - Integrated Device Technology IDT6168SA25PI Datasheet HTML 7Page - Integrated Device Technology IDT6168SA25PI Datasheet HTML 8Page - Integrated Device Technology IDT6168SA25PI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6.42
IDT6168SA/LA
CMOS Static RAM 16K (4K x 4-Bit)
Military, Industrial, and Co mmercial Temperature Ranges
3
DC Electrical Characteristics(1)
(VCC = 5.0V ± 10%, VLC = 0.2V, VHC = VCC - 0.2V)
DC Electrical Characteristics
VCC = 5.0V ± 10%
Symbol
Parameter
Power
6168SA15
6168SA20
6168LA20
6168SA25
6168LA25
6168SA45
6168LA45
Unit
Com'l.
Mil.
Com'l.
Mil.
Com'l.
& Ind.
Mil.
Com'l.
Mil.
ICC1
Operating Power Supply Current
CS < VIL, Outputs Open
VCC = Max., f = 0
(2)
SA
110
____
90
____
90
100
____
100
mA
LA
____
____
70
____
70
80
____
80
ICC2
Dynamic Operating Current
CS < VIL, Outputs Open
VCC = Max., f = fMAX(2)
SA
145
____
120
____
110
120
____
110
mA
LA
____
____
100
____
90
100
____
80
ISB
Standby Power Supply Current
(TTL Level)
CS > VIH, Outputs Open
VCC = Max., f = fMAX
(2)
SA
55
____
45
____
35
45
____
35
mA
LA
____
____
30
____
25
30
____
25
ISB1
Full Standby Power Supply
Current (CMOS Level)
CS > VHC, VCC = Max.,
VIN < VLC or VIN > VHC, f = 0
(2)
SA
20
____
20
____
310
____
10
mA
LA
____
____
0.5
____
0.5
0.3
____
0.3
3090 tbl 07
NOTES:
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC, only address inputs are cycling at fMAX. f = 0 means no address inputs are changing.
Symbol
Parameter
Test Conditions
IDT6168SA
IDT6168LA
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current
VCC = Max.,
VIN = GND to VCC
MIL.
COM'L.
____
____
10
2
____
____
5
2µ A
|ILO|
Output Leakage Current
VCC = Max.,
CS = VIH,
VOUT = GND to VCC
MIL.
COM'L.
____
____
10
2
____
____
5
2µ A
VOL
Output LOW Voltage
IOL = 10mA, VCC = Min.
____
0.5
____
0.5
V
IOL = 8mA, VCC = Min.
____
0.4
____
0.4
VOH
Output HIGH Voltage
IOH = -4mA, VCC = Min.
2.4
____
2.4
____
V
3090 tbl 09


Similar Part No. - IDT6168SA25PI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167 IDT-IDT6167 Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA IDT-IDT6167LA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100D IDT-IDT6167LA100D Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100DB IDT-IDT6167LA100DB Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100P IDT-IDT6167LA100P Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results

Similar Description - IDT6168SA25PI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6178S IDT-IDT6178S Datasheet
72Kb / 7P
   CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com