Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72265L25TF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72265L25TF
Description  CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72265L25TF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72265L25TF Datasheet HTML 6Page - Integrated Device Technology IDT72265L25TF Datasheet HTML 7Page - Integrated Device Technology IDT72265L25TF Datasheet HTML 8Page - Integrated Device Technology IDT72265L25TF Datasheet HTML 9Page - Integrated Device Technology IDT72265L25TF Datasheet HTML 10Page - Integrated Device Technology IDT72265L25TF Datasheet HTML 11Page - Integrated Device Technology IDT72265L25TF Datasheet HTML 12Page - Integrated Device Technology IDT72265L25TF Datasheet HTML 13Page - Integrated Device Technology IDT72265L25TF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT72255/72265 SyncFIFO
8,192 x 18, 16,384 x 18
two pointers operate independently; however, a read and a
write should not be performed simultaneously to the offset
registers.
A Master Reset initializes both pointers to the
Empty Offset (LSB) register. A Partial Reset has no effect on
the position of these pointers.
Once serial offset loading has been selected, then pro-
gramming
PAE and PAF procedes as follows: When LD and
SEN are set LOW, data on the SI input are written, one bit for
each WCLK rising edge, starting with the Empty Offset (13 bits
for the 72255, 14 bits for the 72265), ending with the Full Offset
(13 bits for the 72255, 14 bits for the 72265). A total of 26 bits
are necessary to program the 72255; a total of 28 bits are
necessary to program the 72265. Individual registers cannot
be loaded serially; rather, both must be programmed in
sequence, no padding allowed.
PAE and PAF can show a
valid status only after the the full set of bits have been entered.
The registers can be re-programmed, as long as both offsets
are loaded. When
LD is LOW and SEN is HIGH, no serial write
to the registers can occur.
Once parallel offset loading has been selected, then
programming
PAE and PAF procedes as follows: When LD
and
WEN are set LOW, data on the inputs Dn are written into
the Empty Offset Register on the first LOW-to-HIGH transition
of WCLK.
Upon the second LOW-to-HIGH transition of
WCLK, data at the inputs are written into the Full Register. The
third transition of WCLK writes, once again, to the Empty
Offset Register.
To ensure proper programming (serial or parallel) of the
offset registers, no read operation is permitted from the time
of reset (master or partial) to the time of programming. (During
this period, the read pointer must be pointing to the first
location of the memory array.) After the programming has
been accomplished, read operations may begin.
Write operations to memory are allowed before and during
the parallel programming sequence. In this case, the pro-
gramming of all offset registers does not have to occur at one
time. One or two offset registers can be written to and then,
by bringing
LD HIGH, write operations can be redirected to the
FIFO memory. When
LD is set LOW again, and WEN is LOW,
the next offset register in sequence is written to.
As an
alternative to holding
WEN LOW and toggling LD, parallel
programming can also be interrupted by setting
LD LOW and
toggling
WEN.
Write operations to memory are allowed before and during
the serial programming sequence. In this case, the program-
ming of all offset bits does not have to occur at once. A select
number of bits can be written to the SI input and then, by
bringing
LD and SEN HIGH, data can be written to FIFO
memory via Dn by toggling
WEN. When WEN is brought HIGH
with
LD and SEN restored to a LOW, the next offset bit in
sequence is written to the registers via SI. If a mere interuption
of serial programming is desired, it is sufficient either to set
LD
LOW and deactivate
SEN or to set SEN LOW and deactivate
LD. Once LD and SEN are both restored to a LOW level, serial
offset programming continues from where it left off.
Note that the status of a partial flag (
PAE or PAF) output is
invalid during the programming process.
From the time
parallel programming has begun, a partial flag output will not
be valid until the appropriate offset word has been written to
the register pertaining to that flag.
From the time serial
programming has begun, neither partial flag will be valid until
the full set of bits required to fill all the offset registers has been
written. Measuring from the rising WCLK edge that achieves
either of the above criteria;
PAF will be valid after two more
rising WCLK edges plus tPAF,
PAE will will be valid after the
next two rising RCLK edges plus tPAE (Add one more RCLK
cycle if tSKEW2 is not met.)
The act of reading the offset registers employs a dedicated
read offset register pointer. The contents of the offset registers
can be read on the output lines when
LD is set LOW and REN
is set LOW; then, data are read via Qn from the Empty Offset
Register on the first LOW-to-HIGH transition of RCLK. Upon
the second LOW-to-HIGH transition of RCLK, data are read
from the Full Offset Register. The third transition of RCLK,
reads, once again, from the Empty Offset Register.
It is permissable to interrupt the the offset register access
sequence with reads or writes to memory . The interruption is
accomplished by deasserting
REN, LD, or both together.
When
REN and LD are restored to a LOW level, access of the
registers continues where it left off.
LD functions the same way in both IDT Standard and
FWFT modes.
FREQUENCY SELECT INPUT (FS)
An internal state machine manages the movement of data
through the SuperSync FIFO. The FS line determines whether
RCLK or WCLK will synchronize the state machine. Tie FS to
VCC if the RCLK line is running at a lower frequency than the
WCLK line. In this case, the state machine will be synchro-
nized to WCLK. Tie FS to GND if the RCLK line is running at
a higher frequency than the WCLK line. In this case, the state
machine will be synchronized to RCLK. Note that FS must be
set so the clock line running at the higher frequency drives the
state machine; this ensures efficient handling of the data
within the FIFO. If the same clock signal drives both the WCLK
and the RCLK pins, then tie FS to GND.
The frequency of the clock tied to the state machine
(referred to as the "selected clock") may be changed at any
time, so long as it is always greater than or equal to the
frequency of the clock that is not tied to the state machine
(referred to as the "non-selected clock"). The frequency of the
non-selected clock can also be varied with time, so long as it
never exceeds the frequency of the selected clock. To be
more specific, the frequencies of both RCLK and WCLK may
be varied during FIFO operation, provided that, at any given
point in time, the cycle period of the selected clock is equal to
or less than the cycle period of the non-selected clock.
The selected clock must be continuous. It is, however,
permissible to stop the non-selected clock. Note, so long as
RCLK is idle,
EF/OR and PAE will not be updated. Likewise,
as long as WCLK is idle,
FF/IR and PAF will not be updated.
Changing the FS setting during FIFO operation (i.e. read-
ing or writing) is not permitted; however, such a change at the
time of Master Reset or Partial Reset is all right. FS is an
asynchronous input.


Similar Part No. - IDT72265L25TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72265LA IDT-IDT72265LA Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72265LA IDT-IDT72265LA Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72265LA RENESAS-IDT72265LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72265LA10PF IDT-IDT72265LA10PF Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
IDT72265LA10PFG IDT-IDT72265LA10PFG Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - IDT72265L25TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
logo
Integrated Device Techn...
IDT72261 IDT-IDT72261 Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
logo
Renesas Technology Corp
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com