Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72021L40DB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72021L40DB
Description  CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72021L40DB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72021L40DB Datasheet HTML 6Page - Integrated Device Technology IDT72021L40DB Datasheet HTML 7Page - Integrated Device Technology IDT72021L40DB Datasheet HTML 8Page - Integrated Device Technology IDT72021L40DB Datasheet HTML 9Page - Integrated Device Technology IDT72021L40DB Datasheet HTML 10Page - Integrated Device Technology IDT72021L40DB Datasheet HTML 11Page - Integrated Device Technology IDT72021L40DB Datasheet HTML 12Page - Integrated Device Technology IDT72021L40DB Datasheet HTML 13Page - Integrated Device Technology IDT72021L40DB Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
5.09
10
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT72021, IDT72031, IDT72041
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
R
W
XO
2677 drw 14
WRITE TO
LAST PHYSICAL
LOCATION
t XOL
t XOH
READ FROM
LAST PHYSICAL
LOCATION
t XOL
t XOH
Figure 11. Expansion Out
W
XI
R
2677 drw 15
WRITE TO
FIRST PHYSICAL
LOCATION
READ FROM
FIRST PHYSICAL
LOCATION
t XIS
t XIR
t XI
t XIS
Figure 12. Expansion In
OPERATING CONFIGURATIONS
SINGLE DEVICE CONFIGURATION
The IDT72021/031/041 is in the Single Device
Configuration when the Expansion In (
XI) control input is
grounded (see Figure 13).
WRITE (W)
DATA IN (D)
FULL FLAG (FF)
RESET (RS)
9
READ (R)
9
DATA OUT (Q)
EMPTY FLAG (EF)
RETRANSMIT (RT)
OUTPUT ENABLE (OE)
EXPANSION IN (XI)
HF
AEF
2677 drw 16
IDT
72021/031/041
(HALF–FULL FLAG)
Figure 13. Block Diagram of Single 1K/2K/4K x 9 FIFO


Similar Part No. - IDT72021L40DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7202LA IDT-IDT7202LA Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7202LA IDT-IDT7202LA Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA ETC2-IDT7202LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202LA IDT-IDT7202LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results

Similar Description - IDT72021L40DB

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com