Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5429FCT520ATPYB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5429FCT520ATPYB
Description  MULTILEVEL PIPELINE REGISTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5429FCT520ATPYB Datasheet(HTML) 1 Page - Integrated Device Technology

  5429FCT520ATPYB Datasheet HTML 1Page - Integrated Device Technology 5429FCT520ATPYB Datasheet HTML 2Page - Integrated Device Technology 5429FCT520ATPYB Datasheet HTML 3Page - Integrated Device Technology 5429FCT520ATPYB Datasheet HTML 4Page - Integrated Device Technology 5429FCT520ATPYB Datasheet HTML 5Page - Integrated Device Technology 5429FCT520ATPYB Datasheet HTML 6Page - Integrated Device Technology 5429FCT520ATPYB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
DESCRIPTION:
The IDT29FCT520AT/BT/CT/DT and IDT29FCT521AT/
BT/CT/DT each contain four 8-bit positive edge-triggered
registers. These may be operated as a dual 2-level or as a
single 4-level pipeline. A single 8-bit input is provided and any
of the four registers is available at the 8-bit, 3-state output.
These devices differ only in the way data is loaded into and
between the registers in 2-level operation. The difference is
illustrated in Figure 1. In the IDT29FCT520AT/BT/CT/DT
when data is entered into the first level (I = 2 or I = 1), the
existing data in the first level is moved to the second level. In
the IDT29FCT521AT/BT/CT/DT, these instructions simply
cause the data in the first level to be overwritten. Transfer of
data to the second level is achieved using the 4-level shift
instruction (I = 0). This transfer also causes the first level to
change. In either part I=3 is for hold.
FUNCTIONAL BLOCK DIAGRAM
2619 drw 01
REGISTER
CONTROL
2
1
I ,I1
0
CLK
OCTAL REG. A1
OCTAL REG. A2
OCTAL REG. B1
OCTAL REG. B2
MUX
MUX
2
S ,S1
0
8
Y -Y7
0
OE
8
D -D7
0
MULTILEVEL
PIPELINE REGISTERS
IDT29FCT520AT/BT/CT/DT
IDT29FCT521AT/BT/CT/DT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
APRIL 1994
©1994 Integrated Device Technology, Inc.
DSC-4215/4
1
FEATURES:
• A, B, C and D speed grades
• Low input and output leakage
≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
• High drive outputs (-15mA IOH, 48mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B
and DESC listed (dual marked)
• Available in DIP, SOIC, SSOP, QSOP, CERPACK and
LCC packages
6.2


Similar Part No. - 5429FCT520ATPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5429FCT52ATD IDT-5429FCT52ATD Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATDB IDT-5429FCT52ATDB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATE IDT-5429FCT52ATE Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATEB IDT-5429FCT52ATEB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATL IDT-5429FCT52ATL Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results

Similar Description - 5429FCT520ATPYB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
   FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
logo
Texas Instruments
SN74ALS29818 TI1-SN74ALS29818 Datasheet
189Kb / 13P
[Old version datasheet]   8-BIT DIAGNOSTICS/PIPELINE REGISTERS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
LOGIC Devices Incorpora...
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com