Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8304 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM8304
Description  Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8304 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM8304 Datasheet HTML 1Page - SG Micro Corp SGM8304 Datasheet HTML 2Page - SG Micro Corp SGM8304 Datasheet HTML 3Page - SG Micro Corp SGM8304 Datasheet HTML 4Page - SG Micro Corp SGM8304 Datasheet HTML 5Page - SG Micro Corp SGM8304 Datasheet HTML 6Page - SG Micro Corp SGM8304 Datasheet HTML 7Page - SG Micro Corp SGM8304 Datasheet HTML 8Page - SG Micro Corp SGM8304 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
100MHz, High Voltage,
SGM8301/2/4
Rail-to-Rail Output Amplifiers
5
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS: VS = ±6V
(At TA = +25
℃, VCM = 0V, VOUT = 0V and RL = 100Ω to ground, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE
Quiescent Current/Amplifier (IQ)
IOUT = 0mA
8.5
11.3
mA
-18
5
18
Input Offset Voltage (VOS)
TA = -4
0℃ to +85℃
-21.5
21.5
mV
Input Offset Voltage Drift (ΔVOST)
11
μV/
RL = 150Ω, -4.5V
≤ VOUT ≤ 4.5V
85
94
Open-Loop Gain (AOL)
RL = 2kΩ, -4.9V
≤ VOUT ≤ 4.9V
90
110
dB
Common Mode Rejection Ratio (CMRR)
VCM = -6.1V to 3.75V
66
82
dB
RL = 2kΩ to ground
90
147
High Output Voltage Swing from Rail (VOH)
RL = 150Ω to ground
760
956
mV
RL = 2kΩ to ground
87
116
Low Output Voltage Swing from Rail (VOL)
RL = 150Ω to ground
888
1080
mV
RL = 75Ω to VS
71
103
Output Current (IOUT)
RL = 75Ω to -VS
53
90
mA
AC PERFORMANCE
Small-Signal -3dB Bandwidth (BWSS)
G = +1
100
Large-Signal -3dB Bandwidth (BWLS)
G = +1
44
Small-Signal Bandwidth for -0.1dB Gain Flatness
(BW0.1dBSS)
G = +1
56
Large-Signal Bandwidth for -0.1dB Gain Flatness
(BW0.1dBLS)
G = +1
30
MHz
Gain-Bandwidth Product (GBP)
G = +100
60
MHz
Phase Margin (PM)
G = +100
42
degrees
Channel-to-Channel Crosstalk
VIN = 200mVP-P, f = 1kHz
106
dB
Overload Recovery Time (ORT)
f = 1kHz
54
ns
f = 1kHz
174
Voltage Noise Density (en)
f = 10kHz
65
nV/ Hz
Slew Rate (SR) Up
f = 1kHz, 2VP-P output
145
V/μs
Slew Rate (SR) Down
f = 1kHz, 2VP-P output
155
V/μs
Settling Time to 0.1% (tS)
f = 1kHz, 2VP-P output
84
ns
Rise/Fall Time (tR/tF)
f = 1kHz, VOUT = 100mVP-P
7.5
ns
Differential Gain Error (DG)
NTSC
0.02
%
Differential Phase Error (DP)
NTSC
0.02
degrees


Similar Part No. - SGM8304

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304YS14G/TR SGMICRO-SGM8304YS14G/TR Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304YTS14G/TR SGMICRO-SGM8304YTS14G/TR Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results

Similar Description - SGM8304

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
Analog Devices
SSM2275 AD-SSM2275 Datasheet
192Kb / 16P
   Rail-to-Rail Output Audio Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com