Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8291 Datasheet(PDF) 11 Page - SG Micro Corp

Part # SGM8291
Description  Output Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8291 Datasheet(HTML) 11 Page - SG Micro Corp

Back Button SGM8291 Datasheet HTML 7Page - SG Micro Corp SGM8291 Datasheet HTML 8Page - SG Micro Corp SGM8291 Datasheet HTML 9Page - SG Micro Corp SGM8291 Datasheet HTML 10Page - SG Micro Corp SGM8291 Datasheet HTML 11Page - SG Micro Corp SGM8291 Datasheet HTML 12Page - SG Micro Corp SGM8291 Datasheet HTML 13Page - SG Micro Corp SGM8291 Datasheet HTML 14Page - SG Micro Corp SGM8291 Datasheet HTML 15Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
High Voltage Rail-to-Rail
SGM8291/2/4
Output Operational Amplifiers
11
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VS = ±15V, RL = 2kΩ connected to 0V, unless otherwise noted.
Offset Voltage Production Distribution
0
5
10
15
20
25
30
35
Offset Voltage (mV)
9500 Samples
1 Production Lot


Similar Part No. - SGM8291

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
   Output Operational Amplifiers
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
   Output Operational Amplifiers
More results

Similar Description - SGM8291

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8271 SGMICRO-SGM8271 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8951 SGMICRO-SGM8951 Datasheet
337Kb / 13P
   Output Operational Amplifiers
logo
Unisonic Technologies
LV324 UTC-LV324_15 Datasheet
192Kb / 6P
   OUTPUT OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8272 SGMICRO-SGM8272 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8292 SGMICRO-SGM8292 Datasheet
340Kb / 18P
   Output Operational Amplifiers
SGM8941 SGMICRO-SGM8941 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8942 SGMICRO-SGM8942 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8952 SGMICRO-SGM8952 Datasheet
337Kb / 13P
   Output Operational Amplifiers
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
   Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_15 Datasheet
451Kb / 11P
   OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com