Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8291 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM8291
Description  Output Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8291 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM8291 Datasheet HTML 1Page - SG Micro Corp SGM8291 Datasheet HTML 2Page - SG Micro Corp SGM8291 Datasheet HTML 3Page - SG Micro Corp SGM8291 Datasheet HTML 4Page - SG Micro Corp SGM8291 Datasheet HTML 5Page - SG Micro Corp SGM8291 Datasheet HTML 6Page - SG Micro Corp SGM8291 Datasheet HTML 7Page - SG Micro Corp SGM8291 Datasheet HTML 8Page - SG Micro Corp SGM8291 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SGM8291/2/4
High Voltage Rail-to-Rail
Output Operational Amplifiers
GENERAL DESCRIPTION
The SGM8291 (single), SGM8292 (dual) and SGM8294
(quad) are high voltage operational amplifiers that are
designed to offer a wide input common mode voltage
range and output voltage swing. These devices can
operate from ±2.25V to ±18V dual power supplies or
from +4.5V to +36V single supplies.
The devices feature high slew rate, low input bias and
offset current, low offset voltage and low offset-voltage
temperature coefficient.
The SGM8291/2/4 are specified over the extended -40
to +125
℃ temperature range. The SGM8291 single is
available in Green SOT-23-5, MSOP-8 and SOIC-8
packages. The SGM8292 dual is available in Green
SOIC-8 and MSOP-8 packages. The SGM8294 quad is
available in Green SOIC-14 and TSSOP-14 packages.
APPLICATIONS
High Impedance Sensors
Photodiode Amplifier
Precision Instrumentation
Phase-Locked Loop Filters
High End, Professional Audio
DAC Output Amplifier
ATE
Medical
FEATURES
 Low Power Consumption: 150µA/Amplifier
 Low Offset Voltage: 1.5mV (MAX)
 Wide Input Common Mode and Differential
Voltage Ranges
 Low Input Bias and Offset Currents
 Output Short-Circuit Protection
 Rail-to-Rail Output
 High Input Impedance
 High Slew Rate: 7V/µs
 Small Packaging:
SGM8291
Available
in
SOT-23-5,
MSOP-8
and
SOIC-8 Packages
SGM8292 Available in MSOP-8 and SOIC-8 Packages
SGM8294 Available in TSSOP-14 and SOIC-14 Packages
REV. A
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM8291

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
   Output Operational Amplifiers
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
   Output Operational Amplifiers
More results

Similar Description - SGM8291

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8271 SGMICRO-SGM8271 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8951 SGMICRO-SGM8951 Datasheet
337Kb / 13P
   Output Operational Amplifiers
SGM8294 SGMICRO-SGM8294 Datasheet
340Kb / 18P
   Output Operational Amplifiers
logo
Unisonic Technologies
LV324 UTC-LV324_15 Datasheet
192Kb / 6P
   OUTPUT OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8272 SGMICRO-SGM8272 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8941 SGMICRO-SGM8941 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8942 SGMICRO-SGM8942 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8952 SGMICRO-SGM8952 Datasheet
337Kb / 13P
   Output Operational Amplifiers
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
   Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_15 Datasheet
451Kb / 11P
   OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com