Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V424L15Y Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71V424L15Y
Description  3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V424L15Y Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT71V424L15Y Datasheet HTML 1Page - Integrated Device Technology IDT71V424L15Y Datasheet HTML 2Page - Integrated Device Technology IDT71V424L15Y Datasheet HTML 3Page - Integrated Device Technology IDT71V424L15Y Datasheet HTML 4Page - Integrated Device Technology IDT71V424L15Y Datasheet HTML 5Page - Integrated Device Technology IDT71V424L15Y Datasheet HTML 6Page - Integrated Device Technology IDT71V424L15Y Datasheet HTML 7Page - Integrated Device Technology IDT71V424L15Y Datasheet HTML 8Page - Integrated Device Technology IDT71V424L15Y Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6.42
6
IDT71V424S, IDT71V424L, 3.3V CMOS Static RAM
4 Meg (512K x 8-bit)
Commercial and Industrial Temperature Ranges
Timing Waveform of Read Cycle No. 2(1, 2, 4)
NOTES:
1.
WE is HIGH for Read Cycle.
2. Device is continuously selected,
CS is LOW.
3. Address must be valid prior to or coincident with the later of
CS transition LOW; otherwise tAA is the limiting parameter.
4.
OE is LOW.
5. Transition is measured ±200mV from steady state.
Timing Waveform of Read Cycle No. 1(1)
ADDRESS
3622 drw 06
OE
CS
DATAOUT
(5)
(5)
(5)
(5)
DATAOUT VALID
HIGH IMPEDANCE
tAA
tRC
tOE
tACS
tOLZ
tCHZ
tCLZ
(3)
tOHZ
VCC SUPPLY
CURRENT
tPU
tPD
ICC
ISB
DATAOUT
ADDRESS
3622 drw 07
tRC
tAA
tOH
tOH
DATAOUT VALID
PREVIOUS DATAOUT VALID


Similar Part No. - IDT71V424L15Y

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V424L IDT-IDT71V424L Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
More results

Similar Description - IDT71V424L15Y

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
logo
Integrated Device Techn...
IDT71V428 IDT-IDT71V428 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V428S IDT-IDT71V428S Datasheet
76Kb / 9P
   3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com