Electronic Components Datasheet Search |
|
SGM8271 Datasheet(PDF) 1 Page - SG Micro Corp |
|
SGM8271 Datasheet(HTML) 1 Page - SG Micro Corp |
1 / 17 page SGM8271/2/4 High Voltage Rail-to-Rail Output Operational Amplifiers GENERAL DESCRIPTION The SGM8271 (single), SGM8272 (dual) and SGM8274 (quad) are high voltage operational amplifiers that are designed to offer a wide input common mode voltage range and output voltage swing. These devices can operate from ±2.25V to ±18V dual power supplies or from +4.5V to +36V single supplies. The devices feature high slew rate, low input bias and offset current, low offset voltage and low offset-voltage temperature coefficient. The SGM8271/2/4 are specified over the extended -40 ℃ to +125 ℃ temperature range. The SGM8271 single is available in Green SOT-23-5, MSOP-8 and SOIC-8 packages. The SGM8272 dual is available in Green SOIC-8 and MSOP-8 packages. The SGM8274 quad is available in Green SOIC-14 and TSSOP-14 packages. FEATURES Low Power Consumption: 150µA/Amplifier Wide Input Common Mode and Differential Voltage Ranges Low Input Bias and Offset Currents Output Short-Circuit Protection Rail-to-Rail Output High Input Impedance Low Offset Voltage: 3mV (MAX) High Slew Rate: 7V/µs Small Packaging: SGM8271 Available in SOT-23-5, MSOP-8 and SOIC-8 Packages SGM8272 Available in MSOP-8 and SOIC-8 Packages SGM8274 Available in TSSOP-14 and SOIC-14 Packages APPLICATIONS High Impedance Sensors Photodiode Amplifier Precision Instrumentation Phase-Locked Loop Filters High End, Professional Audio DAC Output Amplifier ATE Medical REV. A SG Micro Corp www.sg-micro.com |
Similar Part No. - SGM8271 |
|
Similar Description - SGM8271 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |