Electronic Components Datasheet Search |
|
SGM8092 Datasheet(PDF) 9 Page - SG Micro Corp |
|
SGM8092 Datasheet(HTML) 9 Page - SG Micro Corp |
9 / 18 page 350MHz, Rail-to-Rail Output SGM8091/2/3/4 CMOS Operational Amplifiers 9 SG Micro Corp www.sg-micro.com APPLICATION NOTES Driving Capacitive Loads The SGM8091/2/3/4 are optimized for bandwidth and speed, not for driving capacitive loads. Output capacitance will create a pole in the amplifier’s feedback path, leading to excessive peaking and potential oscillation. If dealing with load capacitance is a requirement of the application, the two strategies to consider are (1) using a small resistor in series with the amplifier’s output and the load capacitance and (2) reducing the bandwidth of the amplifier’s feedback loop by increasing the overall noise gain. Figure 1 shows a unity gain follower using the series resistor strategy. The resistor isolates the output from the capacitance, and more importantly, creates a zero in the feedback path that compensates for the pole created by the output capacitance. VIN VOUT SGM8091 CLOAD RISO Figure 1 . Series Resistor Isolating Capacitive Load Power-Supply Bypassing and Layout The SGM8091/2/3/4 operate from either a single +2.7V to +5.5V supply or dual ±1.35V to ±2.75V supplies. For single-supply operation, bypass the power supply +VS with a 0.1µF ceramic capacitor which should be placed close to the +VS pin. For dual-supply operation, both the +VS and the -VS supplies should be bypassed to ground with separate 0.1µF ceramic capacitors. 2.2µF tantalum capacitor can be added for better performance. Good PC board layout techniques optimize performance by decreasing the amount of stray capacitance at the op amp’s inputs and output. To decrease stray capacitance, minimize trace lengths and widths by placing external components as close to the device as possible. Use surface-mount components whenever possible. For the high speed operational amplifier, soldering the part to the board directly is strongly recommended. Try to keep the high frequency big current loop area small to minimize the EMI (electromagnetic interfacing). SGM8091 +VS Vn Vp -VS VOUT 10µF 0.1µF 10µF 0.1µF SGM8091 Vn Vp +VS -VS (GND) VOUT 10µF 0.1µF Figure 2. Amplifier with Bypass Capacitors Grounding A ground plane layer is important for high speed circuit design. The length of the current path speed currents in an inductive ground return will create an unwanted voltage noise. Broad ground plane areas will reduce the parasitic inductance. Input-to-Output Coupling To minimize capacitive coupling, the input and output signal traces should not be parallel. This helps reduce unwanted positive feedback. |
Similar Part No. - SGM8092_15 |
|
Similar Description - SGM8092_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |