Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8054 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM8054
Description  CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8054 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM8054 Datasheet HTML 1Page - SG Micro Corp SGM8054 Datasheet HTML 2Page - SG Micro Corp SGM8054 Datasheet HTML 3Page - SG Micro Corp SGM8054 Datasheet HTML 4Page - SG Micro Corp SGM8054 Datasheet HTML 5Page - SG Micro Corp SGM8054 Datasheet HTML 6Page - SG Micro Corp SGM8054 Datasheet HTML 7Page - SG Micro Corp SGM8054 Datasheet HTML 8Page - SG Micro Corp SGM8054 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SGM8051/2/3/4/5
250MHz, Rail-to-Rail Output
CMOS Operational Amplifiers
PRODUCT DESCRIPTION
The SGM8051/3 (single), SGM8052/5 (dual) and
SGM8054 (quad) are rail-to-rail output voltage feedback
amplifiers offering ease of use and low cost. They have
bandwidth and slew rate typically found in current
feedback amplifiers. All have a wide input common mode
voltage range and output voltage swing, making them
easy to use on single supplies as low as 2.5V.
Despite being low cost, the SGM8051 series provide
excellent overall performance. They offer wide bandwidth
to 250MHz (G = +1) along with 0.1dB flatness out to
37MHz (G = +2) and offer a typical low power of
2.3mA/amplifier.
The SGM8051 series is low distortion and fast settling
make it ideal for buffering high speed A/D or D/A
converters. The SGM8053/5 has a power-down disable
feature that reduces the supply current to 75μA. These
features make the SGM8053/5 ideal for portable and
battery-powered applications where size and power are
critical. All are specified over the extended -40
℃ to
+125
℃ temperature range.
APPLICATIONS
Imaging
Photodiode Preamp
Professional Video and Cameras
Hand Sets
DVD/CD
Base Stations
Filters
A-to-D Driver
FEATURES
 Low Cost
 Rail-to-Rail Output
2mV Typical VOS
 High Speed
250MHz, -3dB Bandwidth (G = +1)
130V/μs, Slew Rate
58ns Settling Time to 0.1% with 2V Step
 Supply Voltage Range: 2.5V to 5.5V
 Input Voltage Range: -0.2V to +3.8V with VS = 5V
 Excellent Video Specs (RL = 150Ω, G = +2)
Gain Flatness 0.1dB to 37MHz
Diff Gain: 0.03%, Diff Phase: 0.08 Degree
 Low Supply Current
2.3mA/Amplifier (TYP)
75μA Shutdown Current for SGM8053/5
 Small Packaging
SGM8051 Available in SOT-23-5 and SOIC-8
SGM8052 Available in MSOP-8 and SOIC-8
SGM8053 Available in SOT-23-6 and SOIC-8
SGM8054 Available in TSSOP-14 and SOIC-14
SGM8055 Available in MSOP-10
Small Signal Frequency Response
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency (MHz)
Vo = 0.1VP-P
G = +1
RL = 1kΩ
RF = 24Ω
G = +2
RL = 150Ω
RF = 887Ω
REV. E
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM8054

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8054 SGMICRO-SGM8054 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8054 SGMICRO-SGM8054 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8054 SGMICRO-SGM8054 Datasheet
491Kb / 20P
   250MHz, Rail-to-Rail Output
SGM8054 SGMICRO-SGM8054 Datasheet
896Kb / 20P
   CMOS Operational Amplifiers
SGM8054XS SGMICRO-SGM8054XS Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8054

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com