Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8052 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM8052
Description  CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8052 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM8052 Datasheet HTML 4Page - SG Micro Corp SGM8052 Datasheet HTML 5Page - SG Micro Corp SGM8052 Datasheet HTML 6Page - SG Micro Corp SGM8052 Datasheet HTML 7Page - SG Micro Corp SGM8052 Datasheet HTML 8Page - SG Micro Corp SGM8052 Datasheet HTML 9Page - SG Micro Corp SGM8052 Datasheet HTML 10Page - SG Micro Corp SGM8052 Datasheet HTML 11Page - SG Micro Corp SGM8052 Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
250MHz, Rail-to-Rail Output
CMOS Operational Amplifiers
8
SG Micro Corp
www.sg-micro.com
SGM8051/2/3/4/5
TYPICAL PERFORMANCE CHARACTERISTICS
At TA= +25
℃, VS = +5V, G = +2, RF = 887Ω, RG = 887Ω, and RL = 150Ω connected to VS/2, unless otherwise noted.
Open-Loop Gain vs. Temperature
70
80
90
100
110
120
-50 -30 -10 10305070
90 110 130
Temperature (
℃)
RL=150Ω
RL=1kΩ
CMRR and PSRR vs. Temperature
60
70
80
90
100
110
120
-50 -30 -10 10
30
50
70
90 110 130
Temperature (
℃)
CMRR
RL=150Ω
PSRR
Shudown Current vs. Temperature
40
45
50
55
60
65
70
75
80
-50 -30 -10 10
30
50
70
90 110 130
Temperature (
℃)
VS = 5V
VS = 2.7V
VS = 3V
Supply Current vs. Temperature
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50 -30 -10 10
30
50
70
90 110 130
Temperature (
℃)
VS = 5V
VS = 3V
VS = 2.7V
Output Voltage Swing vs. Output Current
0
1
2
3
4
5
0
25
50
75
100
125
150
Output Current (mA)
25
135
-50
25
135
-50
VS = 5V
Sourcing Current
Sinking Current
Output Voltage Swing vs. Output Current
0
1
2
3
0
20
40
60
80
100
120
Output Current (mA)
25℃
135℃
-50℃
25℃
135℃
-50℃
VS = 3V
Sourcing Current
Sinking Current


Similar Part No. - SGM8052

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8052 SGMICRO-SGM8052 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8052 SGMICRO-SGM8052 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8052 SGMICRO-SGM8052 Datasheet
491Kb / 20P
   250MHz, Rail-to-Rail Output
SGM8052 SGMICRO-SGM8052 Datasheet
896Kb / 20P
   CMOS Operational Amplifiers
SGM8052XMS SGMICRO-SGM8052XMS Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8052

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com