Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72510 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72510
Description  BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72510 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72510 Datasheet HTML 5Page - Integrated Device Technology IDT72510 Datasheet HTML 6Page - Integrated Device Technology IDT72510 Datasheet HTML 7Page - Integrated Device Technology IDT72510 Datasheet HTML 8Page - Integrated Device Technology IDT72510 Datasheet HTML 9Page - Integrated Device Technology IDT72510 Datasheet HTML 10Page - Integrated Device Technology IDT72510 Datasheet HTML 11Page - Integrated Device Technology IDT72510 Datasheet HTML 12Page - Integrated Device Technology IDT72510 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
5.31
9
IDT72510, IDT72520
BUS MATCHING BIDIRECTIONAL FIFO
COMMERCIAL TEMPERATURE RANGE
36-BIT PROCESSOR to 9-BIT PERIPHERAL CONFIGURATION
Figure 4. 36- to 9-Bit Peripheral Interface Configuration
NOTE:
1.
Cntl A refers to
CSA, A1, A0, R/WA and DSA; Cntl B refers to R/WB and DSB or RB and WB.
IDT
BiFIFO
(Master)
Processor
Peripheral
Controller
Data
Data A Data B
Data
Cntl A
Cntl B
ACK
Address
ACK
Cntl
I/O
Data
IDT
BiFIFO
(Slave)
Data A Data B
Cntl A
Cntl B
RAM
18
REQ
REQ
ACK
REQ
CLK
CLK
DMA or
System
Clock
Control
2669 drw 07


Similar Part No. - IDT72510

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72511L25G IDT-IDT72511L25G Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72511L25GB IDT-IDT72511L25GB Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72511L25J IDT-IDT72511L25J Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72511L25JB IDT-IDT72511L25JB Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
More results

Similar Description - IDT72510

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com