Electronic Components Datasheet Search |
|
IDT7024S20PFB Datasheet(PDF) 10 Page - Integrated Device Technology |
|
IDT7024S20PFB Datasheet(HTML) 10 Page - Integrated Device Technology |
10 / 20 page 6.15 10 IDT7024S/L HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM MILITARY AND COMMERCIAL TEMPERATURE RANGES TIMING WAVEFORM OF WRITE CYCLE NO. 1, R/ W W W W W CONTROLLED TIMING(1,5,8) TIMING WAVEFORM OF WRITE CYCLE NO. 2, CE CE CE CE CE, UB UB UB UB UB, LB LB LB LB LB CONTROLLED TIMING(1,5) 2740 drw 10 tWC tAS tWR tDW tDH ADDRESS DATAIN R/ W tAW tEW UB or LB (3) (2) (6) CE or SEM (9) (9) R/ W tWC tHZ tAW tWR tAS tWP DATAOUT (2) tWZ tDW tDH tOW OE ADDRESS DATAIN (6) (4) (4) (7) UB or LB 2740 drw 09 (9) CE or SEM (9) (7) (3) NOTES: 1. R/ W or CE or UB & LB must be High during all address transitions. 2. A write occurs during the overlap (tEW or tWP) of a Low UB or LB and a Low CE and a Low R/W for memory array writing cycle. 3. tWR is measured from the earlier of CE or R/W (or SEM or R/W) going High to the end-of-write cycle. 4. During this period, the I/O pins are in the output state and input signals must not be applied. 5. If the CE or SEM Low transition occurs simultaneously with or after the R/W Low transition, the outputs remain in the High-impedance state. 6. Timing depends on which enable signal is asserted last, CE, R/W, UB, or LB. 7. This parameter is guaranted by device characterization, but is not production tested. Transition is measured +/- 500mV steady state with the Output Test Load (Figure 2). 8. If OE is Low during R/W controlled write cycle, the write pulse width must be the larger of tWP for (tWZ + tDW) to allow the I/O drivers to turn off and data to be placed on the bus for the required tDW. If OE is High during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tWP . 9. To access RAM, CE = VIL, UB or LB = VIL, and SEM = VIH. To access Semaphore, CE = VIH or UB & LB = VIH, and SEM = VIL. tEW must be met for either condition. |
Similar Part No. - IDT7024S20PFB |
|
Similar Description - IDT7024S20PFB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |