Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7005L55GB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7005L55GB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7005L55GB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7005L55GB Datasheet HTML 1Page - Integrated Device Technology IDT7005L55GB Datasheet HTML 2Page - Integrated Device Technology IDT7005L55GB Datasheet HTML 3Page - Integrated Device Technology IDT7005L55GB Datasheet HTML 4Page - Integrated Device Technology IDT7005L55GB Datasheet HTML 5Page - Integrated Device Technology IDT7005L55GB Datasheet HTML 6Page - Integrated Device Technology IDT7005L55GB Datasheet HTML 7Page - Integrated Device Technology IDT7005L55GB Datasheet HTML 8Page - Integrated Device Technology IDT7005L55GB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IDT7005S/L
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.06
5
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1) (VCC = 5.0V
± 10%)
7005X15
7005X17
7005X20
7005X25
Test
Com'l. Only
Com'l. Only
Symbol
Parameter
Condition
Version
Typ.
(2) Max. Typ.(2) Max.
Typ.
(2) Max. Typ.(2) Max. Unit
ICC
Dynamic Operating
CE = VIL, Outputs Open
MIL.
S
160
370
155
340
mA
Current
SEM = VIH
L
150
320
145
280
(Both Ports Active)
f = fMAX
(3)
COM.
S
170
310
170
310
160
290
155
265
L
160
260
160
260
150
240
145
220
ISB1
Standby Current
CEL = CER = VIH
MIL.
S
20
90
16
80
mA
(Both Ports — TTL
SEMR = SEML = VIH
L
10
70
10
65
Level Inputs
f = fMAX
(3)
COM.
S
20
60
20
60
20
60
16
60
L
10
60
10
50
10
50
10
50
ISB2
Standby Current
CE"A"=VIL and CE"B"=VIH(5) MIL. S
95
240
90
215
mA
(One Port — TTL
Active Port Outputs Open
L
85
210
80
180
Level Inputs)
f = fMAX
(3)
COM.
S
105
190
105
190
95
180
90
170
SEMR = SEML > VIH
L
95
160
95
160
85
150
80
140
ISB3
Full Standby Current Both Ports
CEL and
MIL.
S
1.0
30
1.0
30
mA
(Both Ports — All
CER > VCC - 0.2V(5)
L
0.2
10
0.2
10
CMOS Level Inputs) VIN > VCC - 0.2V or
COM.
S
1.0
15
1.0
15
1.0
15
1.0
15
VIN < 0.2V, f = 0
(4)
L
0.2
5
0.2
5
0.2
5
0.2
5
SEMR = SEML > VCC - 0.2V
ISB4
Full Standby Current
CE"B" < 0.2V and
MIL.
S
90
225
85
200
mA
(One Port — All
CE"B" > VCC - 0.2v
CMOS Level Inputs)
SEMR = SEML > VCC - 0.2V
L
80
200
75
170
VIN > VCC - 0.2V or
COM.S
100
170
100
170
90
155
85
145
VIN < 0.2V
Active Port Outputs Open,
L
90
140
90
140
80
130
75
120
f = fMAX
(3)
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 5.0V
± 10%)
IDT7005S
IDT7005L
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage Current
(1)
VCC = 5.5V, VIN = 0V to VCC
—10
5
µA
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
—10
5
µA
VOL
Output Low Voltage
IOL = 4mA
0.4
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
2.4
V
NOTES:
2738 tbl 09
1. "X" in part numbers indicates power rating (S or L).
2. VCC = 5V, TA = +25
°C, and are not production tested. ICC DC = 120mA typ.)
3. At f = fMAX
, address and I/O'S are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A"may be either left or right port. Port "B" is the port opposite port "A".
NOTE:
2738 tbl 08
1. At Vcc < 2.0V input leakages are undefined.


Similar Part No. - IDT7005L55GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005L IDT-IDT7005L Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7005L55GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com