Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM5018 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM5018
Description  SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM5018 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM5018_15 Datasheet HTML 1Page - SG Micro Corp SGM5018_15 Datasheet HTML 2Page - SG Micro Corp SGM5018_15 Datasheet HTML 3Page - SG Micro Corp SGM5018_15 Datasheet HTML 4Page - SG Micro Corp SGM5018_15 Datasheet HTML 5Page - SG Micro Corp SGM5018_15 Datasheet HTML 6Page - SG Micro Corp SGM5018_15 Datasheet HTML 7Page - SG Micro Corp SGM5018_15 Datasheet HTML 8Page - SG Micro Corp SGM5018_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
4.5Ω, High Speed, Low Voltage
Quad, SPDT Analog Switch
3
SGM5018
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(V+ = +4.5V to +5.5V, GND = 0V, VIH = +1.6V, VIL = +0.5V, TA = -40
℃ to +85℃. Typical values are at V+ = +5.0V, TA= +25℃, unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN
TYP MAX UNITS
ANALOG SWITCH
Analog Signal Range
VNO, VNC, VCOM
-40
℃ to +85℃
0
V+
V
+25
4.5
7
On-Resistance
RON
V+ = 4.5V, VNO or VNC = 1.2V,
ICOM = -100mA, Test Circuit 1
-40
℃ to +85℃
8
+25
0.8
3.6
On-Resistance Match
Between Channels
RON
V+ = 4.5V, VNO or VNC = 1.2V,
ICOM = -100mA, Test Circuit 1
-40
℃ to +85℃
4.2
+25
3
3.7
On-Resistance
Flatness
RFLAT(ON)
V+ = 4.5V, VNO or VNC = 1.2V, 4.5V,
ICOM = -100mA, Test Circuit 1
-40
℃ to +85℃
4.5
Source OFF Leakage
Current
INC(OFF), INO(OFF)
V+ = 5.5V, VNO or VNC = 3.3V/0.3V,
VCOM = 0.3V/3.3V
-40
℃ to +85℃
1
μA
Channel ON Leakage
Current
INC(ON), INO(ON),
ICOM(ON)
V+ =5.5V, VCOM = 0.3V/3.3V,
VNO or VNC = 0.3V/3.3V, or floating
-40
℃ to +85℃
1
μA
DIGITAL INPUTS
Input High Voltage
VINH
-40
℃ to +85℃ 1.6
V
Input Low Voltage
VINL
-40
℃ to +85℃
0.5
V
Input Leakage Current
IIN
V+ =5.5V, VIN = 0V or 5.5V
-40
℃ to +85℃
1
μA
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
+25
40
ns
Turn-Off Time
tOFF
VNO or VNC = 2V, CL = 35pF,
RL = 300Ω, Test Circuit2
+25
30
ns
Break-Before-Make
Time Delay
tD
VNO or VNC = 3V, RL = 300Ω,
CL = 35pF, Test Circuit 4
+25
18
ns
1MHz
+25
-70
dB
Off Isolation
OISO
RL = 50Ω, f = 10MHz, VBIAS = 350mV,
Signal = 0dBm, Test Circuit5
10MHz
+25
-50
dB
1MHz
+25
-90
dB
Channel-to-Channel
Crosstalk
XTALK
RL = 50Ω, f = 10MHz, VBIAS = 350mV,
Signal = 0dBm,, Test Circuit6
10MHz
+25
-60
dB
-3dB Bandwidth
BW
RL = 50Ω, Signal = 0dBm,
VBIAS = 350mV, Test Circuit7
+25
300
MHz
Charge Injection Select
Input to Common I/O
Q
VG = GND, RG = 0Ω, Q = CL x VOUT,
CL = 1nF, Test Circuit3
+25
20
pC
Channel ON
Capacitance
CON
+25
42
pF
POWER REQUIREMENTS
Power Supply Range
V+
-40
℃ to +85℃ 1.8
5.5
V
Power Supply Current
I+
V+ = 5.5V, VIN = 0V or V+
-40
℃ to +85℃
1
μA


Similar Part No. - SGM5018_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM5018YTS SGMICRO-SGM5018YTS Datasheet
488Kb / 10P
   4.5廓, High Speed, Low Voltage Quad, SPDT Analog Switch
SGM5018YTS/TR SGMICRO-SGM5018YTS/TR Datasheet
488Kb / 10P
   4.5廓, High Speed, Low Voltage Quad, SPDT Analog Switch
More results

Similar Description - SGM5018_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com