Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72413 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72413
Description  CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72413 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72413 Datasheet HTML 3Page - Integrated Device Technology IDT72413 Datasheet HTML 4Page - Integrated Device Technology IDT72413 Datasheet HTML 5Page - Integrated Device Technology IDT72413 Datasheet HTML 6Page - Integrated Device Technology IDT72413 Datasheet HTML 7Page - Integrated Device Technology IDT72413 Datasheet HTML 8Page - Integrated Device Technology IDT72413 Datasheet HTML 9Page - Integrated Device Technology IDT72413 Datasheet HTML 10Page - Integrated Device Technology IDT72413 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IDT72413
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.02
7
TIMING DIAGRAMS (Continued)
2748 drw 08
SHIFT OUT
OUTPUT DATA
OUTPUT READY
A-DATA
(1)
(2)
(3)
(4)
(5)
(6)
(7)
B-DATA
A or B
NOTES:
1. Output Ready HIGH indicates that data is available and a Shift Out pulse may be applied.
2. Shift Out goes HIGH causing the next step.
3. Output Ready goes LOW.
4. Read pointer is incremented.
5. Output Ready goes HIGH indicating that new data (B) will be available at the FIFO outputs after tORD ns.
6. If the FIFO has only one word loaded (A DATA) , Output Ready stays LOW and the A-DATA remains unchanged at the outputs.
7. Shift Out pulses applied when Output Ready is LOW will be ignored.
Figure 6. The Mechanism of Shifting Data Out of the FIFO
2748 drw 06
SHIFT IN
INPUT DATA
INPUT READY
STABLE DATA
(1)
(3)
(4)
(5)
SHIFT OUT
(2)
tIPH
t PT
NOTES:
1. FIFO is initially full.
2. Shift Out pulse is applied.
3. Shift In is held HIGH.
4. As soon as Input Ready becomes HIGH the Input Data is loaded into the FIFO.
5. The write pointer is incremented. Shift In should not go LOW until (tPT + tIPH).
Figure 4. Data is Shifted In Whenever Shift In and Input Ready are Both HIGH
2748 drw 07
SHIFT OUT
OUTPUT DATA
OUTPUT READY
tSOH
1/fOUT
t SOL
1/fOUT
tRH
tORL
tODS
A-DATA
B-DATA
(1)
tODH
C-DATA
(2)
tORD
NOTES:
1. This data is loaded consecutively A, B, C.
2. Output data changes on the falling edge of SO after a valid Shift Out sequence, i.e., OR and SO are both high together.
Figure 5. Output TIming


Similar Part No. - IDT72413

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results

Similar Description - IDT72413

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
   8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Renesas Technology Corp
IDT72401 RENESAS-IDT72401 Datasheet
320Kb / 10P
   CMOS PARALLEL FIFO
JUNE 2012
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com