Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSF10N65 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MSF10N65
Description  650V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF10N65 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MSF10N65 Datasheet HTML 1Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 2Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 3Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 4Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 5Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 6Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MSF10N65
650V N-Channel MOSFET
Publication Order Number: [MSF10N65]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-On Time
VDS=450 V, ID=6A,
RG=25Ω
--
40
80
ns
tr
Turn-On Time
--
120
240
ns
td(off)
Turn-Off Delay Time
--
60
120
ns
tf
Turn-Off Fall Time
--
70
140
ns
Qg
Total Gate Charge
VDS=720V,ID=6A,
VGS=10 V
--
33
45
nC
Qgs
Gate-Source Charge
--
10
--
nC
Qgd
Gate-Drain Charge
--
13
--
nC
Source-Drain Diode Maximum Ratings and Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
IS
Continuous Source-Drain Diode Forward Current
--
--
6.0
A
ISM
ISM Pulsed Source-Drain Diode Forward Current
--
--
24.0
VSD
Source-Drain Diode Forward Voltage
IS=6A , VGS= 0V
--
--
1.4
V
trr
Reverse Recovery Time
IS=6A , VGS= 0V
diF/dt=100A/μs
--
780
--
ns
Qrr
Reverse Recovery Charge
--
9.0
--
μC
Notes;
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L=34mH, IAS=6A, VDD=50V, RG=25Ω, Starting TJ=25℃
3. ISD≦6A, di/dt≦200A/μs,VDD≦BVDSS, Starting TJ=25℃
4. Pulse Test: Pulse Width
≦ 300μs, Duty Cycle≦ 2%
5. Essentially Independent of Operating Temperature


Similar Part No. - MSF10N65

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF10N60 BWTECH-MSF10N60 Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

Similar Description - MSF10N65

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com