Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72021L30J Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72021L30J
Description  CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72021L30J Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72021L30J Datasheet HTML 6Page - Integrated Device Technology IDT72021L30J Datasheet HTML 7Page - Integrated Device Technology IDT72021L30J Datasheet HTML 8Page - Integrated Device Technology IDT72021L30J Datasheet HTML 9Page - Integrated Device Technology IDT72021L30J Datasheet HTML 10Page - Integrated Device Technology IDT72021L30J Datasheet HTML 11Page - Integrated Device Technology IDT72021L30J Datasheet HTML 12Page - Integrated Device Technology IDT72021L30J Datasheet HTML 13Page - Integrated Device Technology IDT72021L30J Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
5.09
11
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT72021, IDT72031, IDT72041
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
WIDTH EXPANSION CONFIGURATION
Word width may be increased simply by connecting the
corresponding input control signals of multiple devices. Sta-
tus flags (
EF, FF, HF, and AEF) can be detected from any one
Figure 14. Block Diagram of 1K/2K/4K x 18 FIFO Memory Used in Width Expansion Configuration
DATA IN (D)
IDT
72021/031/041
IDT
72021/031/041
WRITE (W)
FULL FLAG (FF)
RESET (RS)
OUTPUT ENABLE (OE)
READ (R)
EMPTY FLAG (EF)
RETRANSMIT (RT)
DATA OUT (Q)
XI
XI
99
18
9
18
AEF
HF
2677 drw 17
AEF
HF
9
NOTE:
1. Flag detection is accomplished by monitoring the
FF, EF, HF and AEF signals on either (any) device used in the width expansion configuration. Do
not connect any output signals together.
DEPTH EXPANSION (DAISY CHAIN) MODE
The IDT72021/031/041 can easily be adapted to applica-
tions when the requirements are for greater than 1K/2K/4K
words. Figure 15 demonstrates Depth Expansion using three
IDT72021/031/041s. Any depth can be attained by adding
additional devices. The IDT72021/031/041 operates in the
Depth Expansion configuration when the following conditions
are met:
1. The first device must be designed by grounding the First
Load (
FL) control input.
2. All other devices must have
FL in the HIGH state.
3. The Expansion Out (
XO) pin of each device must be tied
to the Expansion In (
XI) pin of the next device. See
Figure 15.
4. External logic is needed to generate a composite Full
Flag (
FF) and Empty Flag (EF). This requires the ORing
of all
EFs and ORing of all FFs (i.e. all must be set to
generate the correct composite
FF or EF). See
Figure 15.
5. The Retransmit (
RT) function and Half-Full Flag (HF) are
not available in the Depth Expansion Mode. For addi-
tional information refer to Tech Note 9: “Cascading
FIFOs or FIFO Modules”.
COMPOUND EXPANSION MODE
The two expansion techniques described above can be
applied together in a straight forward manner to achieve large
FIFO arrays (see Figure 16).
BIDIRECTIONAL MODE
Applications which require data buffering between two
systems (each system capable of Read and Write operations)
can be achieved by pairing IDT72021/031/041s as shown in
Figure 17. Care must be taken to assure that the appropriate
flag is monitored by each system (i.e.,
FF is monitored on the
device where
W is used; EF is monitored on the device where
R is used). Both Depth Expansion and Width Expansion may
be used in this mode.
DATA FLOW-THROUGH MODES
Two types of flow-through modes are permitted: a read
flow-through and write flow-through mode. For the read flow-
through mode (Figure 18), the FIFO permits the reading of a
single word after writing one word of data into an empty FIFO.
The data is enabled on the bus in (tWEF + tA) ns after the rising
edge of
W, called the first write edge. It remains on the bus until
the
R line is raised from LOW-to-HIGH, after which the bus
would go into a three-state mode after tRHZ ns. The
EF line
would have a pulse showing temporary deassertion and then
would be asserted. In the interval of time that
R was LOW,
more words can be written to the FIFO (the subsequent writes
after the first write edge will be deassert the Empty Flag);
however, the same word (written on the first write edge),
presented to the output bus as the read pointer, would not be
incremented when
R was LOW. On toggling R, the other
words that are written to the FIFO will appear on the output bus
as in the read cycle timings.
device. Figure 14 demonstrates an 18-bit word width by using
two IDT72021/031/041 devices. Any word width can be at-
tained by adding additional IDT72021/031/041s.


Similar Part No. - IDT72021L30J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7202LA IDT-IDT7202LA Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7202LA IDT-IDT7202LA Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA ETC2-IDT7202LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202LA IDT-IDT7202LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results

Similar Description - IDT72021L30J

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com