Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMA86265P Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMA86265P
Description  P-Channel PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA86265P Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMA86265P Datasheet HTML 1Page - Fairchild Semiconductor FDMA86265P Datasheet HTML 2Page - Fairchild Semiconductor FDMA86265P Datasheet HTML 3Page - Fairchild Semiconductor FDMA86265P Datasheet HTML 4Page - Fairchild Semiconductor FDMA86265P Datasheet HTML 5Page - Fairchild Semiconductor FDMA86265P Datasheet HTML 6Page - Fairchild Semiconductor FDMA86265P Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2014
©2014 Fairchild Semiconductor Corporation
FDMA86265P Rev.C
www.fairchildsemi.com
1
D
D
S
G
D
D
Pin 1
Drain
Source
MicroFET 2X2 (Bottom View)
Bottom Drain Con-
D
D
D
D
S
G
Bottom Drain Contact
FDMA86265P
P-Channel PowerTrench® MOSFET
-150 V, -1 A, 1.2
Ω
Features
Max rDS(on) = 1.2 Ω at VGS = -10 V, ID = -1 A
Max rDS(on) = 1.4 Ω at VGS = -6 V, ID = -0.9 A
Low Profile - 0.8 mm maximum in the new package MicroFET
2x2 mm
Very low RDS-on mid voltage P-channel silicon technology
optimised for low Qg
This product is optimised for fast switching applications as
well as load switch applications
100% UIL tested
RoHS Compliant
General Description
This
P-Channel
MOSFET
is
produced
using
Fairchild
Semiconductor‘s
advanced
PowerTrench®
process
that
has been optimized for the on-state resistance and yet maintain
superior switching performance.
Applications
Active Clamp Switch
Load Switch
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
-150
V
VGS
Gate to Source Voltage
±25
V
ID
Drain Current -Continuous
TA = 25 °C
(Note 1a)
-1
A
-Pulsed
-2
EAS
Single Pulse Avalanche Energy
(Note 3)
6
mJ
PD
Power Dissipation
TA = 25 °C
(Note 1a)
2.4
W
Power Dissipation
TA = 25 °C
(Note 1b)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to + 150
°C
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
52
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1b)
145
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
265
FDMA86265P
MicroFET 2X2
7 ’’
12 mm
3000 units


Similar Part No. - FDMA86265P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMA8051L ONSEMI-FDMA8051L Datasheet
382Kb / 7P
   MOSFET, Single N-Channel, POWERTRENCH
August, 2018 ??Rev. 3
logo
Fairchild Semiconductor
FDMA8878 FAIRCHILD-FDMA8878 Datasheet
258Kb / 6P
   Single N-Channel Power Trench짰 MOSFET 30 V, 9.0 A, 16 m廓
FDMA8884 FAIRCHILD-FDMA8884 Datasheet
250Kb / 6P
   Single N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
More results

Similar Description - FDMA86265P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD4685-F085 ONSEMI-FDD4685-F085 Datasheet
740Kb / 7P
   P-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
Fairchild Semiconductor
FDC610PZ FAIRCHILD-FDC610PZ Datasheet
450Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD6637-F085 ONSEMI-FDD6637-F085 Datasheet
455Kb / 8P
   P-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDMC612PZ FAIRCHILD-FDMC612PZ Datasheet
261Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDD4141 FAIRCHILD-FDD4141 Datasheet
237Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDS6679AZ FAIRCHILD-FDS6679AZ_08 Datasheet
434Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA910PZ FAIRCHILD-FDMA910PZ Datasheet
236Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ_08 Datasheet
473Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com