Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDI9406_F085 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDI9406_F085
Description  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDI9406_F085 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDI9406_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDI9406_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDI9406_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDI9406_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDI9406_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDI9406_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDI9406_F085 Rev. C3
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
ID = 250μA, VGS = 0V
40
-
-
V
IDSS
Drain-to-Source Leakage Current
VDS=40V,
TJ = 25oC
-
-
1
μA
VGS = 0V
TJ = 175oC(Note 4)
-
-
1
mA
IGSS
Gate-to-Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VGS = VDS, ID = 250μA
2.0
2.83
4.0
V
RDS(on)
Drain-to-Source On Resistance
ID = 80A,
VGS= 10V
TJ = 25oC
-
1.73
2.2
m
Ω
TJ = 175oC(Note 4)
-
2.86
3.2
m
Ω
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
7710
-
pF
Coss
Output Capacitance
-
2015
-
pF
Crss
Reverse Transfer Capacitance
-
140
-
pF
Rg
Gate Resistance
f = 1MHz
-
2.7
-
Ω
Qg(ToT)
Total Gate Charge at 10V
VGS = 0 to 10V
VDD = 32V
ID = 80A
-
107
138
nC
Qg(th)
Threshold Gate Charge
VGS = 0 to 2V
-
14
19
nC
Qgs
Gate-to-Source Gate Charge
-33
-
nC
Qgd
Gate-to-Drain “Miller“ Charge
-
18
-
nC
Switching Characteristics
Drain-Source Diode Characteristics
Note:
4: The maximum value is specified by design at TJ = 175°C. Product is not tested to this condition in production.
ton
Turn-On Time
VDD = 20V, ID = 80A,
VGS = 10V, RGEN = 6Ω
-
-
160
ns
td(on)
Turn-On Delay
-
32
-
ns
tr
Rise Time
-
81
-
ns
td(off)
Turn-Off Delay
-
50
-
ns
tf
Fall Time
-
23
-
ns
toff
Turn-Off Time
-
-
93
ns
VSD
Source-to-Drain Diode Voltage
ISD = 80A, VGS = 0V
-
-
1.25
V
trr
Reverse-Recovery Time
IF = 80A, dISD/dt = 100A/μs,
VDD=32V
-
85
110
ns
Qrr
Reverse-Recovery Charge
-
122
160
nC


Similar Part No. - FDI9406_F085

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDI9406 ISC-FDI9406 Datasheet
325Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDI9406_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com