Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD2.7EAB1 Datasheet(PDF) 2 Page - NEC

Part # RD2.7EAB1
Description  400 mW DHD ZENER DIODE DO-34
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD2.7EAB1 Datasheet(HTML) 2 Page - NEC

  RD2.7EAB1 Datasheet HTML 1Page - NEC RD2.7EAB1 Datasheet HTML 2Page - NEC RD2.7EAB1 Datasheet HTML 3Page - NEC RD2.7EAB1 Datasheet HTML 4Page - NEC RD2.7EAB1 Datasheet HTML 5Page - NEC RD2.7EAB1 Datasheet HTML 6Page - NEC RD2.7EAB1 Datasheet HTML 7Page - NEC RD2.7EAB1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
RD2.0ES to RD39ES
Data Sheet D13935EJ6V0DS00
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
MIN.
MAX.
IZ(mA)
MAX.
IZ(mA)
MAX.
IZ(mA)
MAX.
VR(V)
AB
1.88
2.24
RD2.0ES
AB1
1.88
2.12
5
100
5
1000
0.5
120
0.5
AB2
2.01
2.24
AB
2.11
2.44
RD2.2ES
AB1
2.11
2.34
5
100
5
1000
0.5
120
0.7
AB2
2.22
2.44
AB
2.32
2.65
RD2.4ES
AB1
2.32
2.54
5
100
5
1000
0.5
120
1.0
AB2
2.41
2.65
AB
2.52
2.93
RD2.7ES
AB1
2.52
2.77
5
110
5
1000
0.5
100
1.0
AB2
2.68
2.93
AB
2.84
3.24
RD3.0ES
AB1
2.84
3.08
5
120
5
1000
0.5
50
1.0
AB2
2.99
3.24
AB
3.15
3.54
RD3.3ES
AB1
3.15
3.39
5
120
5
1000
0.5
20
1.0
AB2
3.31
3.54
AB
3.46
3.84
RD3.6ES
AB1
3.46
3.69
5
120
5
1100
0.5
10
1.0
AB2
3.60
3.84
AB
3.74
4.16
RD3.9ES
AB1
3.74
4.01
5
120
5
1200
0.5
5
1.0
AB2
3.89
4.16
AB
4.04
4.57
RD4.3ES
AB1
4.04
4.29
5
120
5
1200
0.5
5
1.0
AB2
4.17
4.43
AB3
4.30
4.57
AB
4.44
4.93
RD4.7ES
AB1
4.44
4.68
5
100
5
1200
0.5
5
1.0
AB2
4.55
4.80
AB3
4.68
4.93
AB
4.81
5.37
RD5.1ES
AB1
4.81
5.07
5
70
5
1200
0.5
5
1.5
AB2
4.94
5.20
AB3
5.09
5.37
AB
5.28
5.91
RD5.6ES
AB1
5.28
5.55
5
40
5
900
0.5
5
2.5
AB2
5.45
5.73
AB3
5.61
5.91
AB
5.78
6.44
RD6.2ES
AB1
5.78
6.09
5
30
5
500
0.5
5
3.0
AB2
5.96
6.27
AB3
6.12
6.44
AB
6.29
7.01
RD6.8ES
AB1
6.29
6.63
5
25
5
150
0.5
2
3.5
AB2
6.49
6.83
AB3
6.66
7.01
AB
6.85
7.67
RD7.5ES
AB1
6.85
7.22
5
25
5
120
0.5
0.5
4.0
AB2
7.07
7.45
AB3
7.29
7.67
AB
7.53
8.45
RD8.2ES
AB1
7.53
7.92
5
20
5
120
0.5
0.5
5.0
AB2
7.78
8.19
AB3
8.03
8.45
AB
8.29
9.30
RD9.1ES
AB1
8.29
8.73
5
20
5
120
0.5
0.5
6.0
AB2
8.57
9.01
AB3
8.83
9.30
AB
9.12
10.39
RD10ES
AB1
9.12
9.65
5
20
5
120
0.5
0.2
7.0
AB2
9.46
10.02
AB3
9.82
10.39
Type
Number
Suffix
Zener Voltage
VZ (V)Note 1
Dynamic Impedance
ZZ (
Ω)Note 2
Knee Dynamic
Impedance
ZZK (
Ω)Note 2
Reverse Current
IR (
µA)


Similar Part No. - RD2.7EAB1

ManufacturerPart #DatasheetDescription
logo
NEC
RD2.7E NEC-RD2.7E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD2.7E EIC-RD2.7E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD2.7E NJSEMI-RD2.7E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD2.7EB NEC-RD2.7EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD2.7EB1 NEC-RD2.7EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD2.7EAB1

ManufacturerPart #DatasheetDescription
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD39JS NEC-RD39JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
Tak Cheong Electronics ...
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Micro Commercial Compon...
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
   400 mW Zener Diode 3.0 to 51 Volts
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com