Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSF7N60 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSF7N60
Description  600V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF7N60 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSF7N60 Datasheet HTML 1Page - Bruckewell Technology LTD MSF7N60 Datasheet HTML 2Page - Bruckewell Technology LTD MSF7N60 Datasheet HTML 3Page - Bruckewell Technology LTD MSF7N60 Datasheet HTML 4Page - Bruckewell Technology LTD MSF7N60 Datasheet HTML 5Page - Bruckewell Technology LTD MSF7N60 Datasheet HTML 6Page - Bruckewell Technology LTD MSF7N60 Datasheet HTML 7Page - Bruckewell Technology LTD MSF7N60 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MSF7N60
600V N-Channel MOSFET
Publication Order Number: [MSF7N60]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
EAR
Repetitive Avalanche Energy
3.1
mJ
dv/dt
Peak Diode Recovery dv/dt
4.5
V/ns
PD
Total Power Dissipation (TC = 25 °C)
Derating Factor above 25 °C
31
W
0.25
W/°C
TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8'' from case for 10 seconds
300
°C
TPKG
Maximum Temperature for Soldering @ Package Body for 10
seconds
260
°C
TJ
Storage Temperature
150
°C
Note:
1.Repetitive rating; pulse width limited by maximum junction temperature.
2. IAS≤7A, VDD=50V, L=7mH, VG=10V, starting TJ=+25°C.
3. ISD≤7A, dI/dt≤200A/μs, VDD≤BVDSS, starting TJ=+25°C.
Thermal characteristics
Symbol
Parameter
Max.
Units
RθJc
Junction-to-Case
2.6
°C/W
RθJA
Junction-to-Ambient
62.5
Off Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
VDS = VGS, ID = 250μA
2.0
--
4.0
V
*RDS(ON)
VGS = 10 V , ID = 3.5 A
--
0.85
1.2
Ω
BVDSS
VGS = 0 V , ID = 250μA
600
--
--
V
△BV
DSS /△TJ
ID = 250μA, Referenced to 25°C
--
0.6
--
V/°C
IDSS
VDS = 600 V , VGS = 0 V
VDS = 480 V , VC= 125°C
--
--
1
10
uA
IGSS
VGS = ±30
--
--
±100
nA
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
CISS
VDS = 25 V, VGS = 0 V,
f = 1.0MHz
--
1482
--
pF
COSS
--
121.7
--
pF
CRSS
--
14
--
pF


Similar Part No. - MSF7N60

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF7N65 BWTECH-MSF7N65 Datasheet
1Mb / 9P
   Simple Drive Requirement
More results

Similar Description - MSF7N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com