Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7207L20J Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7207L20J
Description  CMOS ASYNCHRONOUS FIFO 32,768 x 9
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7207L20J Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7207L20J Datasheet HTML 1Page - Integrated Device Technology IDT7207L20J Datasheet HTML 2Page - Integrated Device Technology IDT7207L20J Datasheet HTML 3Page - Integrated Device Technology IDT7207L20J Datasheet HTML 4Page - Integrated Device Technology IDT7207L20J Datasheet HTML 5Page - Integrated Device Technology IDT7207L20J Datasheet HTML 6Page - Integrated Device Technology IDT7207L20J Datasheet HTML 7Page - Integrated Device Technology IDT7207L20J Datasheet HTML 8Page - Integrated Device Technology IDT7207L20J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5.05
3
IDT7207 CMOS ASYNCHRONOUS FIFO
32,768 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Com'l
Com'l & Mil.
Com'l
Military
Com'l
Com'l & Mil.
7207L15
7207L20
7207L25
7207L30
7207L35
7207L50
Symbol
Parameters
Min.
Max. Min. Max. Min. Max. Min. Max. Min. Max.
Min. Max. Unit
fS
Shift Frequency
40
33.3
28.5
25
22.2
15
MHz
tRC
Read Cycle Time
25
30
35
40
45
65
ns
tA
Access Time
15
20
25
30
35
50
ns
tRR
Read Recovery Time
10
10
10
10
10
15
ns
tRPW
Read Pulse Width(2)
15
20
25
30
35
50
ns
tRLZ
Read LOW to Data Bus LOW(3)
5
5
5—
5—
5
10
ns
tWLZ
Write HIGH to Data Bus Low-Z(3, 4)
5
5
5—
5—
10
15
ns
tDV
Data Valid from Read HIGH
5
5
5
5
5
5
ns
tRHZ
Read HIGH to Data Bus High-Z(3)
15
15
18
20
20
30
ns
tWC
Write Cycle Time
25
30
35
40
45
65
ns
tWPW
Write Pulse Width(2)
15
20
25
30
35
50
ns
tWR
Write Recovery Time
10
10
10
10
10
15
ns
tDS
Data Set-up Time
11
12
15
18
18
30
ns
tDH
Data Hold Time
0
0
0
0
0
5
ns
tRSC
Reset Cycle Time
25
30
35
40
45
65
ns
tRS
Reset Pulse Width(2)
15
20
25
30
35
50
ns
tRSS
Reset Set-up Time(3)
15
20
25
30
35
50
ns
tRTR
Reset Recovery Time
10
10
10
10
10
15
ns
tRTC
Retransmit Cycle Time
25
30
35
40
45
65
ns
tRT
Retransmit Pulse Width(2)
15
20
25
30
35
50
ns
tRTS
Retransmit Set-up Time(3)
15
20
25
30
35
50
ns
tRSR
Retransmit Recovery Time
10
10
10
10
10
15
ns
tEFL
Reset to EF LOW
25
30
35
40
45
65
ns
tHFH, tFFH
Reset to HF and FF HIGH
25
30
35
40
45
65
ns
tRTF
Retransmit LOW to Flags Valid
25
30
35
40
45
65
ns
tREF
Read LOW to EF LOW
15
20
25
30
30
45
ns
tRFF
Read HIGH to FF HIGH
15
20
25
30
30
45
ns
tRPE
Read Pulse Width after EF HIGH
15
20
25
30
35
50
ns
tWEF
Write HIGH to EF HIGH
15
20
25
30
30
45
ns
tWFF
Write LOW to FF LOW
15
20
25
30
30
45
ns
tWHF
Write LOW to HF Flag LOW
25
30
35
40
45
65
ns
tRHF
Read HIGH to HF Flag HIGH
25
30
35
40
45
65
ns
tWPF
Write Pulse Width after FF HIGH
15
20
25
30
35
50
ns
tXOL
Read/Write LOW to XO LOW
15
20
25
30
35
50
ns
tXOH
Read/Write HIGH to XO HIGH
15
20
25
30
35
50
ns
tXI
XI Pulse Width(2)
15
20
25
30
35
50
ns
tXIR
XI Recovery Time
10
10
10
10
10
10
ns
tXIS
XI Set-up Time
10
10
10
10
15
15
ns
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
3140 tbl 05
1. Timings referenced as in AC Test Conditions.
2. Pulse widths less than minimum are not allowed.
3. Values guaranteed by design, not currently tested.
4. Only applies to read data flow-through mode.


Similar Part No. - IDT7207L20J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7207L20JG IDT-IDT7207L20JG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7207L20JGI IDT-IDT7207L20JGI Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT7207L20J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7208 IDT-IDT7208 Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Renesas Technology Corp
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com