Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB86360_F085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDB86360_F085
Description  N-Channel Power Trench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB86360_F085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDB86360_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDB86360_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDB86360_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDB86360_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDB86360_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDB86360_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDB86360_F085 Rev. C2
www.fairchildsemi.com
4
Figure 5.
1
10
100
200
0.1
1
10
100
1000
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TC = 25oC
100ms
Forward Bias Safe Operating Area
0.001 0.01
0.1
1
10
100
1000 10000
1
10
100
1000
STARTING TJ = 150oC
STARTING TJ = 25oC
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7.
345678
0
50
100
150
200
TJ = -55oC
TJ = 25oC
TJ = 175oC
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VDD = 5V
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 8.
0.00.2
0.40.60.81.0
1.2
0.01
0.1
1
10
100
200
TJ = 25 oC
TJ = 175 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Forward Diode Characteristics
Figure 9.
0.00.51.01.52.0
0
50
100
150
200
5.5V
VGS
15V Top
10V
8V
7V
6V
5.5V Bottom
80μs PULSE WIDTH
Tj=25oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
Saturation Characteristics
Figure 10.
0123
45
0
50
100
150
200
5V
5.5V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS
15V Top
10V
8V
7V
6V
5.5V
5V
Bottom
80μs PULSE WIDTH
Tj=175oC
Saturation Characteristics
Typical Characteristics


Similar Part No. - FDB86360_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB86363_F085 FAIRCHILD-FDB86363_F085 Datasheet
492Kb / 1P
   N-Channel PowerTrench짰 MOSFET
FDB86366_F085 FAIRCHILD-FDB86366_F085 Datasheet
470Kb / 6P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDB86360_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86260 FAIRCHILD-FDMC86260 Datasheet
251Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDB42AN15_F085 FAIRCHILD-FDB42AN15_F085 Datasheet
350Kb / 6P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDD9410-F085 ONSEMI-FDD9410-F085 Datasheet
706Kb / 7P
   N-Channel Power Trench짰 MOSFET
August-2017, Rev3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86102LZ FAIRCHILD-FDMC86102LZ Datasheet
266Kb / 7P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDMS5360L-F085 ONSEMI-FDMS5360L-F085 Datasheet
854Kb / 6P
   N-Channel Power Trench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDBL0630N150 FAIRCHILD-FDBL0630N150 Datasheet
501Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDD120AN15_F085 FAIRCHILD-FDD120AN15_F085 Datasheet
365Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDMC7692 FAIRCHILD-FDMC7692_10 Datasheet
215Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86240 FAIRCHILD-FDMC86240 Datasheet
321Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC7678 FAIRCHILD-FDMC7678 Datasheet
260Kb / 7P
   N-Channel Power Trench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com