Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB8870_F085 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB8870_F085
Description  N-Channel PowerTrench짰 MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8870_F085 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB8870_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDB8870_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDB8870_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDB8870_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDB8870_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDB8870_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDB8870_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDB8870_F085 Datasheet HTML 8Page - Fairchild Semiconductor FDB8870_F085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FDB8870_F085
N-Channel PowerTrench® MOSFET
30V, 160A, 3.9m
Ω
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either
synchronous
or
conventional
switching
PWM
controllers. It has been optimized for low gate charge, low
rDS(ON) and fast switching speed.
Applications
• DC/DC converters
Features
•rDS(ON) = 3.9mΩ, VGS = 10V, ID = 35A
•rDS(ON) = 4.4mΩ, VGS = 4.5V, ID = 35A
• High performance trench technology for extremely low
rDS(ON)
• Low gate charge
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
160
A
Continuous (TC = 25
oC, V
GS = 10V) (Note 1)
Continuous (TC = 25
oC, V
GS = 4.5V) (Note 1)
150
A
Continuous (Tamb = 25
oC, V
GS = 10V, with R
θJA = 43
oC/W)
23
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 2)
300
mJ
PD
Power dissipation
160
W
Derate above 25oC1.07
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-263
0.94
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-263 ( Note 3)
62
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-263, 1in2 copper pad area
43
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
D
G
S
TO-263AB
FDB SERIES
GATE
SOURCE
DRAIN
(FLANGE)
July 2010
FDB8870
FDB8870_F085
TO-263AB
330mm
24mm
800 units
©2010Fairchild Semiconductor Corporation
FDB8870_F085 Rev. A
RoHS Compliant
• Qualified to AEC Q101
S
• High power and current handling capability


Similar Part No. - FDB8870_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8870 FAIRCHILD-FDB8870_08 Datasheet
770Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDB8870 FAIRCHILD-FDB8870_10 Datasheet
223Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
More results

Similar Description - FDB8870_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com