Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73254-0180 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73254-0180
Description  50 Ohms, QMA Straight Jack Bulkhead for RG-402 (.141) Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73254-0180 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73254-0180 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73254-0180
Status:
Active
Overview:
QMA RF Connectors
Description:
50 Ohms, QMA Straight Jack Bulkhead for RG-402 (.141) Cable
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73254
Overview
QMA RF Connectors
Product Name
QMA
Style
Cable
UPC
883906905330
Wire/Cable Type
RG-402 3.58mm
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
4.962/g
Orientation
Straight
PCB Mounting
N/A
PCB Thickness - Recommended
3.81mm
Packaging Type
Bag
Panel Mount
Yes
Panel Mount Method
Bulkhead
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73254-018
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73254Series
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73254-0180

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73254-0100 MOLEX11-73254-0100 Datasheet
30Kb / 1P
   50 Ohms, QMA straight Jack for LMR-100, RG-174, GR-188 and RG-316 Cable
More results

Similar Description - 73254-0180

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0732540180 MOLEX11-0732540180 Datasheet
30Kb / 1P
   50 Ohms, QMA Straight Jack Bulkhead for RG-402 (.141) Cable
0732540180 MOLEX-0732540180_V01 Datasheet
42Kb / 1P
   50 Ohms, QMA Straight Jack Bulkhead for RG-402 (.141) Cable, IP68
0732540350 MOLEX11-0732540350 Datasheet
62Kb / 1P
   50 Ohms, QMA Straight Plug for RG-402 (.141) Cable
73251-0830 MOLEX11-73251-0830 Datasheet
34Kb / 1P
   50 Ohms, SMA Jack, Bulkhead for RG-402 (.141) Cable
0732510830 MOLEX11-0732510830 Datasheet
72Kb / 1P
   50 Ohms, SMA Straight Jack, Bulkhead for RG-402 (.141) Cable, Brass Body
0732980000 MOLEX11-0732980000 Datasheet
37Kb / 1P
   50 Ohms, BMA Plug, Bulkhead, RG-402 (.141) Cable
0732980000 MOLEX-0732980000_V01 Datasheet
39Kb / 1P
   50 Ohms, BMA Plug, Bulkhead, RG-402 (.141) Cable
0732510830 MOLEX-0732510830_V01 Datasheet
62Kb / 1P
   50 Ohms, SMA Straight Jack, Bulkhead for RG-402 (.141) Cable, Brass Body, Gold Plated
0732760700 MOLEX11-0732760700 Datasheet
33Kb / 1P
   50 Ohms, N plug, straight, RG-402 (.141) Cable
0732760700 MOLEX-0732760700_V01 Datasheet
34Kb / 1P
   50 Ohms, N plug, Straight, RG-402 (.141) Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com