Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7207L25D Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7207L25D
Description  CMOS ASYNCHRONOUS FIFO 32,768 x 9
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7207L25D Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7207L25D Datasheet HTML 1Page - Integrated Device Technology IDT7207L25D Datasheet HTML 2Page - Integrated Device Technology IDT7207L25D Datasheet HTML 3Page - Integrated Device Technology IDT7207L25D Datasheet HTML 4Page - Integrated Device Technology IDT7207L25D Datasheet HTML 5Page - Integrated Device Technology IDT7207L25D Datasheet HTML 6Page - Integrated Device Technology IDT7207L25D Datasheet HTML 7Page - Integrated Device Technology IDT7207L25D Datasheet HTML 8Page - Integrated Device Technology IDT7207L25D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5.05
5
IDT7207 CMOS ASYNCHRONOUS FIFO
32,768 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Outputs:
FULL FLAG (
FF
FF) — The Full Flag (FF) will go LOW, inhibiting
further write operations, when the device is full. If the read
pointer is not moved after Reset (
RS), the Full Flag (FF) will go
LOW after 32,768 writes.
EMPTY FLAG (
EF
EF) — The Empty Flag (EF) will go LOW,
inhibiting further read operations, when the read pointer is equal
to the write pointer, indicating that the device is empty.
EXPANSION OUT/HALF-FULL FLAG (
XO
XO/HF
HF) — This is a
dual-purpose output. In the single device mode, when Expan-
sion In (
XI)is grounded, this output acts as an indication of a half-
full memory.
After half of the memory is filled, and at the falling edge of the
next write operation, the Half-Full Flag (
HF) will be set to LOW
Figure 2. Reset
Figure 3. Asynchronous Write and Read Operation
NOTE:
1.
W and R = VIH around the rising edge of RS.
and will remain set until the difference between the write pointer
and read pointer is less than or equal to one half of the total
memory of the device. The Half-Full Flag (
HF) is then reset by
the rising edge of the read operation.
In the Depth Expansion Mode, Expansion In (
XI) is con-
nected to Expansion Out (
XO) of the previous device. This
output acts as a signal to the next device in the Daisy Chain by
providing a pulse to the next device when the previous device
reaches the last location of memory. There will be an
XO pulse
when the Write pointer reaches the last location of memory, and
an additional
XO pulse when the Read pointer reaches the last
location of memory.
DATA OUTPUTS (Q0-Q8) — Q0-Q8 are data outputs for 9-
bit wide data. These outputs are in a high-impedance condition
whenever Read (
R) is in a HIGH state.
W
RS
R
EF
HF, FF
t RSC
t RS
t RSS
t RSS
t RSR
t EFL
t HFH , t FFH
3140 drw 05
R
W
D
t RC
t A
t WR
t DS
DATA
0
–D 8
Q 0 –Q 8
t DH
t WPW
t WC
VALID
t RLZ
t RHZ
t DV
t A
t RR
t RPW
IN
VALID
DATA OUT
VALID
DATA OUT
DATA IN VALID
3140 drw 06


Similar Part No. - IDT7207L25D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7207L25DG IDT-IDT7207L25DG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7207L25DGI IDT-IDT7207L25DGI Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT7207L25D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7208 IDT-IDT7208 Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Renesas Technology Corp
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com