Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73251-3480 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73251-3480
Description  50 Ohms, Precision Test Connector, Optimized SMA Jack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73251-3480 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73251-3480 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73251-3480
Status:
Active
Overview:
Precision Compression-Mount Microwave Test Connectors
Description:
50 Ohms, Precision Test Connector, Optimized SMA Jack, Flange with 0-80 Threads,
27 GHz, Without Screws
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73251
Comments
27 GHz
Overview
Precision Compression-Mount Microwave Test
Connectors
Product Name
Optimized SMA
UPC
883906534073
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
1.499/g
Orientation
Straight
PCB Mounting
Surface Mount
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73251-348
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73251Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73251-3480

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73251-3481 MOLEX11-73251-3481 Datasheet
37Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack
73251-3482 MOLEX11-73251-3482 Datasheet
37Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack
73251-3483 MOLEX11-73251-3483 Datasheet
37Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack
More results

Similar Description - 73251-3480

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73251-1851 MOLEX11-73251-1851 Datasheet
35Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack
73251-3481 MOLEX11-73251-3481 Datasheet
37Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack
73251-3482 MOLEX11-73251-3482 Datasheet
37Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack
73251-3151 MOLEX11-73251-3151 Datasheet
41Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack
73251-1850 MOLEX11-73251-1850 Datasheet
35Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack
73251-3483 MOLEX11-73251-3483 Datasheet
37Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack
0732511852 MOLEX11-0732511852 Datasheet
55Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack, Two Hole Flange
0732513481 MOLEX11-0732513481 Datasheet
55Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack, Flange with 0-80 Threads
73251-1853 MOLEX11-73251-1853 Datasheet
35Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack, Two Hole Flange with 2
0732513482 MOLEX11-0732513482 Datasheet
55Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack, Flange with 0-80 Threads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com