Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72125L25TP Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72125L25TP
Description  CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72125L25TP Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72125L25TP Datasheet HTML 4Page - Integrated Device Technology IDT72125L25TP Datasheet HTML 5Page - Integrated Device Technology IDT72125L25TP Datasheet HTML 6Page - Integrated Device Technology IDT72125L25TP Datasheet HTML 7Page - Integrated Device Technology IDT72125L25TP Datasheet HTML 8Page - Integrated Device Technology IDT72125L25TP Datasheet HTML 9Page - Integrated Device Technology IDT72125L25TP Datasheet HTML 10Page - Integrated Device Technology IDT72125L25TP Datasheet HTML 11Page - Integrated Device Technology IDT72125L25TP Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
5.35
10
COMMERCIAL TEMPERATURE RANGES
IDT72105, IDT72115, IDT72125,
256 x 16, 512 x 16, 1024 x 16 PARALLEL-TO-SERIAL CMOS FIFO
Figure 12. A 3K x 16 Parallel-to-Serial FIFO using the IDT72125
2665 drw 15
EF
RSIX
RSOX
HF
FF
SOCP
FIFO #3
SO
W
D 0–15
FL/DIR
ADDRESS
DECODER
74FCT138
00
01
10
FULL
FLAG
HALF-FULL
FLAG
EMPTY
FLAG
HIGH AT RESET
EF
RSIX
RSOX
HF
FF
SOCP
FIFO #2
SO
W
D 0–15
FL/DIR
HIGH AT RESET
EF
RSIX
RSOX
HF
FF
SOCP
FIFO #1
SO
W
D 0–15
FL/DIR
LOW AT RESET
SERIAL OUTPUT CLOCK
SERIAL DATA
PARALLEL DATA IN
OUT
NOTE:
2665 tbl 10
1.
RS = Reset Input, FL/FIR = First Load/Direction, EF = Empty Flag Output, HF = Half- Full Flag Output, FF = Full Flag Output.
Table 2. Reset and First Load Truth Table–Width/Depth Compound Expansion Mode
Inputs
Internal Status
Outputs
Mode
RS
RS
FL
FL
DIR
Read Pointer
Write Pointer
EF
EF
HF
HF, FF
FF
Reset-First Device
0
0
X
Location Zero
Location Zero
0
1
Reset All Other Devices
0
1
X
Location Zero
Location Zero
0
1
Read/Write
1
X
0,1
X
X
X
X


Similar Part No. - IDT72125L25TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125 Datasheet
246Kb / 11P
   CMOS PARALLEL-TO-SERIAL FIFO
logo
Renesas Technology Corp
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125_16 Datasheet
246Kb / 11P
   CMOS PARALLEL-TO-SERIAL FIFO
More results

Similar Description - IDT72125L25TP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
logo
Integrated Device Techn...
IDT72V11165 IDT-IDT72V11165 Datasheet
123Kb / 8P
   3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
STMicroelectronics
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
   16 x 16 PARALLEL CMOS MULTIPLIERS
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com