Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7016 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7016
Description  HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7016 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7016 Datasheet HTML 7Page - Integrated Device Technology IDT7016 Datasheet HTML 8Page - Integrated Device Technology IDT7016 Datasheet HTML 9Page - Integrated Device Technology IDT7016 Datasheet HTML 10Page - Integrated Device Technology IDT7016 Datasheet HTML 11Page - Integrated Device Technology IDT7016 Datasheet HTML 12Page - Integrated Device Technology IDT7016 Datasheet HTML 13Page - Integrated Device Technology IDT7016 Datasheet HTML 14Page - Integrated Device Technology IDT7016 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IDT7016S/L
HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.13
11
TIMING WAVEFORM OF SEMAPHORE READ AFTER WRITE TIMING, EITHER SIDE(1)
NOTES:
1. DOR = DOL =VIH,
CER = CEL =VIH.
2. All timing is the same for left and right ports. Port“A” may be either left or right port. “B” is the opposite port from “A”.
3. This parameter is measured from R/
WA or SEM"A" going high to R/W"B" or SEM"B" going High.
4. If tSPS is not satisfied, there is no guarantee which side will be granted the semaphore flag.
TIMING WAVEFORM OF SEMAPHORE WRITE CONTENTION(1,3,4)
SEM"A"
3190 drw 12
tSPS
MATCH
R/
W"A"
MATCH
A0"A"-A2 "A"
SIDE
"A"
(2)
SEM"B"
R/
W"B"
SIDE
"B"
(2)
A0"B"-A2 "B"
NOTES:
1.
CE = VIH for the duration of the above timing (both write and read cycle).
2. "DATAOUT VALID" represents all I/O's (I/O0-I/O8) equal to the semaphore value.
SEM
3190 drw 11
tAW
tEW
tSOP
I/O0
VALID ADDRESS
tSAA
R/
W
tWR
tOH
tACE
VALID ADDRESS
DATAIN
VALID
DATAOUT
tDW
tWP
tDH
tAS
tSWRD
tAOE
Read Cycle
Write Cycle
A0-A2
OE
VALID(2)


Similar Part No. - IDT7016

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016L12GG IDT-IDT7016L12GG Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016L12GGB IDT-IDT7016L12GGB Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016L12GGI IDT-IDT7016L12GGI Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016L12JG IDT-IDT7016L12JG Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016L12JGB IDT-IDT7016L12JGB Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7016

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com