Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCP170N60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCP170N60
Description  N-Channel SuperFET짰 II MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP170N60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCP170N60_15 Datasheet HTML 1Page - Fairchild Semiconductor FCP170N60_15 Datasheet HTML 2Page - Fairchild Semiconductor FCP170N60_15 Datasheet HTML 3Page - Fairchild Semiconductor FCP170N60_15 Datasheet HTML 4Page - Fairchild Semiconductor FCP170N60_15 Datasheet HTML 5Page - Fairchild Semiconductor FCP170N60_15 Datasheet HTML 6Page - Fairchild Semiconductor FCP170N60_15 Datasheet HTML 7Page - Fairchild Semiconductor FCP170N60_15 Datasheet HTML 8Page - Fairchild Semiconductor FCP170N60_15 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.fairchildsemi.com
3
©2014 Fairchild Semiconductor Corporation
FCP170N60 Rev. C1
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.3
1
10
20
1
10
100
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VDS, Drain-Source Voltage[V]
VGS = 10.0V
8.0V
6.0V
5.5V
5.0V
4.5V
4.0V
23456
7
1
10
100
-55
oC
150
oC
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS, Gate-Source Voltage[V]
0
1428425670
0.0
0.1
0.2
0.3
0.4
*Note: TC = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.00.3
0.60.9
1.21.5
0.001
0.01
0.1
1
10
100
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
20000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
0
102030
40
50
0
2
4
6
8
10
*Note: ID = 11A
VDS = 120V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]


Similar Part No. - FCP170N60_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP170N60 FAIRCHILD-FCP170N60 Datasheet
800Kb / 10P
   N-Channel SuperFET II MOSFET
logo
Inchange Semiconductor ...
FCP170N60 ISC-FCP170N60 Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCP170N60_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCPF600N60Z FAIRCHILD-FCPF600N60Z Datasheet
337Kb / 10P
   N-Channel SuperFET짰 II MOSFET
FCP190N60_GF102 FAIRCHILD-FCP190N60_GF102 Datasheet
663Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH104N60 FAIRCHILD-FCH104N60 Datasheet
771Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH130N60 FAIRCHILD-FCH130N60 Datasheet
620Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH170N60 FAIRCHILD-FCH170N60 Datasheet
624Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP104N60 FAIRCHILD-FCP104N60_15 Datasheet
803Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP110N65F FAIRCHILD-FCP110N65F Datasheet
709Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH077N65F FAIRCHILD-FCH077N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH190N65F FAIRCHILD-FCH190N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com