Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7016L20GB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7016L20GB
Description  HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7016L20GB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7016L20GB Datasheet HTML 6Page - Integrated Device Technology IDT7016L20GB Datasheet HTML 7Page - Integrated Device Technology IDT7016L20GB Datasheet HTML 8Page - Integrated Device Technology IDT7016L20GB Datasheet HTML 9Page - Integrated Device Technology IDT7016L20GB Datasheet HTML 10Page - Integrated Device Technology IDT7016L20GB Datasheet HTML 11Page - Integrated Device Technology IDT7016L20GB Datasheet HTML 12Page - Integrated Device Technology IDT7016L20GB Datasheet HTML 13Page - Integrated Device Technology IDT7016L20GB Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
6.13
10
IDT7016S/L
HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF WRITE CYCLE NO. 1, R/
W
W
W
W
W CONTROLLED TIMING(1,5,8)
R/
W
tWC
tHZ
tAW
tWR
tAS
tWP
DATAOUT
(2)
tWZ
tDW
tDH
tOW
OE
ADDRESS
DATAIN
CE or SEM
(6)
(4)
(4)
(3)
3190 drw 09
(7)
(9)
(7)
NOTES:
1. R/
W or CE must be High during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of a Low
CE and a Low R/W for memory array writing cycle.
3. tWR is measured from the earlier of
CE or R/W (or SEM or R/W) going High to the end of write cycle.
4. During this period, the I/O pins are in the output state and input signals must not be applied.
5. If the
CE or SEM Low transition occurs simultaneously with or after the R/W Low transition, the outputs remain in the High-impedance state.
6. Timing depends on which enable signal is asserted last,
CE or R/W.
7. This parameter is guaranteed by device characterization but is not production tested. Transition is measured +/-200mV from steady state with the Output
Test load (Figure 2).
8. If
OE is Low during R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off and data
to be placed on the bus for the required tDW. If
OE is high during an R/W controlled write cycle, this requirement does not apply and the write pulse can
be as short as the specified tWP.
9. To access RAM,
CE = VIL and SEM = VIH. To access Semaphore, CE = VIH and SEM = VIL. tEW must be met for either condition.
3190 drw 10
tWC
tAS
tWR
tDW
tDH
ADDRESS
DATAIN
CE or SEM
R/
W
tAW
tEW
(3)
(2)
(6)
(9)
TIMING WAVEFORM OF WRITE CYCLE NO. 2,
CE
CE
CE
CE
CE CONTROLLED TIMING(1,5)


Similar Part No. - IDT7016L20GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016L20GG IDT-IDT7016L20GG Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016L20GGB IDT-IDT7016L20GGB Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016L20GGI IDT-IDT7016L20GGI Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7016L20GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com