Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCH104N60 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FCH104N60
Description  N-Channel SuperFET짰 II MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH104N60 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FCH104N60 Datasheet HTML 1Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 2Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 3Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 4Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 5Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 6Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 7Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 8Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.fairchildsemi.com
7
©2014 Fairchild Semiconductor Corporation
FCH104N60 Rev. C0
Figure 16. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
LL
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Similar Part No. - FCH104N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCH104N60 FAIRCHILD-FCH104N60 Datasheet
766Kb / 9P
   N-Channel SuperFET II MOSFET
logo
Inchange Semiconductor ...
FCH104N60 ISC-FCH104N60 Datasheet
405Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
logo
Inchange Semiconductor ...
FCH104N60F ISC-FCH104N60F Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCH104N60F-F085 ONSEMI-FCH104N60F-F085 Datasheet
407Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 600 V, 37 A, 104 m
December, 2020 - Rev. 3
More results

Similar Description - FCH104N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCPF600N60Z FAIRCHILD-FCPF600N60Z Datasheet
337Kb / 10P
   N-Channel SuperFET짰 II MOSFET
FCP170N60 FAIRCHILD-FCP170N60_15 Datasheet
817Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP190N60_GF102 FAIRCHILD-FCP190N60_GF102 Datasheet
663Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH130N60 FAIRCHILD-FCH130N60 Datasheet
620Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH170N60 FAIRCHILD-FCH170N60 Datasheet
624Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP104N60 FAIRCHILD-FCP104N60_15 Datasheet
803Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP110N65F FAIRCHILD-FCP110N65F Datasheet
709Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH077N65F FAIRCHILD-FCH077N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH190N65F FAIRCHILD-FCH190N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com