Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V424S12YG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT71V424S12YG
Description  3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V424S12YG Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT71V424S12YG Datasheet HTML 1Page - Integrated Device Technology IDT71V424S12YG Datasheet HTML 2Page - Integrated Device Technology IDT71V424S12YG Datasheet HTML 3Page - Integrated Device Technology IDT71V424S12YG Datasheet HTML 4Page - Integrated Device Technology IDT71V424S12YG Datasheet HTML 5Page - Integrated Device Technology IDT71V424S12YG Datasheet HTML 6Page - Integrated Device Technology IDT71V424S12YG Datasheet HTML 7Page - Integrated Device Technology IDT71V424S12YG Datasheet HTML 8Page - Integrated Device Technology IDT71V424S12YG Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6.42
3
IDT71V424S, IDT71V424L, 3.3V CMOS Static RAM
4 Meg (512K x 8-bit)
Commercial and Industrial Temperature Ranges
Absolute Maximum Ratings(1)
RecommendedOperating
Temperature and Supply Voltage
Recommended DC Operating
Conditions
DC Electrical Characteristics
(VDD = Min. to Max., Commercial and Industrial Temperature Ranges)
DC Electrical Characteristics(1, 2, 3)
(VDD = Min. to Max., VLC = 0.2V, VHC = VDD – 0.2V)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
NOTES:
1. VIH (max.) = VDD+2V for pulse width less than 5ns, once per cycle.
2. VIL (min.) = –2V for pulse width less than 5ns, once per cycle.
NOTES:
1. All values are maximum guaranteed values.
2. All inputs switch between 0.2V (Low) and VDD - 0.2V (High).
3. Power specifications are preliminary.
4. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address input lines are changing.
5. Standard power 10ns (S10) speed grade only.
Symbol
Rating
Value
Unit
VDD
Supply Voltage Relative to
VSS
-0.5 to +4.6
V
VIN, VOUT
Terminal Voltage Relative
to VSS
-0.5 to VDD+0.5
V
TBIAS
Temperature Under Bias
-55 to +125
oC
TSTG
Storage Temperature
-55 to +125
oC
PT
Power Dissipation
1
W
IOUT
DC Output Current
50
mA
3622 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
2.0
____
VDD+0.3(1)
V
VIL
Input Low Voltage
-0.3(2)
____
0.8
V
3622 tbl 06
Grade
Temperature
VSS
VDD
Commercial
0° C to +70° C
0V
See Below
Industrial
–40° C to +85° C
0V
See Below
3622 tbl 05
Symbol
Parameter
Test Condition
IDT71V424
Min.
Max. Unit
|ILI|
Input Leakage Current
VDD = Max., VIN = VSS to VDD
___
5µ A
|ILO|
Output Leakage Current
VDD = Max.,
CS = VIH, VOUT = VSS to VDD
___
5µ A
VOL
Output Low Voltage
IOL = 8mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = -4mA, VDD = Min.
2.4
___
V
3622 tbl 07
Symbol
Parameter
71V424S/L 10
71V424S/L 12
71V424S/L 15
Unit
Com'l.
Ind.(5)
Com'l.
Ind.(5)
Com'l.
Ind.(5)
ICC
Dynamic Operating Current
CS < VLC, Outputs Open, VDD = Max., f = fMAX(4)
S
180
180
170
170
160
160
mA
L
165
___
155
155
145
145
mA
ISB
Dynamic Standby Power Supply Current
CS > VHC, Outputs Open, VDD = Max., f = fMAX(4)
S
606055
55
50
50
mA
L55
___
50
50
45
45
mA
ISB1
Full Standby Power Supply Current (static)
CS > VHC, Outputs Open, VDD = Max., f = 0(4)
S
202020
20
20
20
mA
L10
___
10
10
10
10
mA
3622 tbl 08


Similar Part No. - IDT71V424S12YG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
More results

Similar Description - IDT71V424S12YG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
logo
Integrated Device Techn...
IDT71V428 IDT-IDT71V428 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V428S IDT-IDT71V428S Datasheet
76Kb / 9P
   3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com