Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSF2N40 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSF2N40
Description  400V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF2N40 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSF2N40 Datasheet HTML 1Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 2Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 3Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 4Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 5Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSF2N40
400V N-Channel MOSFET
Publication Order Number: [MSF2N40]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
TL
Maximum lead temperature for soldering purposes,
1/8'' from case for 5 seconds
300
°C
TPKG
Maximum Temperature for Soldering @ Package Body for 10
seconds
260
°C
PD
Total Power Dissipation(@TC = 25 °C) 44 W
Derating Factor above 25 °C
24
W
0.3
W/°C
TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TJ
Storage Temperature
150
°C
Note:
1. Repetitive rating; pulse width limited by maximum junction temperature.
2. IAS=5.5A, VDD=50V, L=8mH, VG=10V, starting TJ=+25°C.
3. ISD≤5.5A, dI/dt≤100A/μs, VDD≤BVDSS, starting TJ=+25°C.
Thermal characteristics (Tc=25°C unless otherwise noted)
Symbol
Parameter
Max.
Units
Rthjc
Typical thermal resistance
2.87
°C/W
RθJA
Typical thermal resistance
62.5
* When mounted on the minimum pad size recommended (PCB Mount)
Static Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VGS
VDS = VGS,ID = 250μA
2.0
--
4.0
V
*RDS(ON)
VGS = 10 V,ID = 1.0 A
--
1.0
1.5
Ω
BVDSS
VGS = 0 V , ID = 250μA
400
--
--
V
△BV
DSS /△TJ
ID = 250μA, Referenced to 25°C
--
0.4
--
IDSS
VDS = 400 V , VGS = 0 V
VDS = 320 V , VGS = 0 V , TC= 125°C
--
--
1
10
μA
IGSSF
VGS = 30 V , VDS = 0 V
--
--
100
nA
IGSSR
VGS = -30 V , VDS = 0 V
--
--
-100
nA
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
CISS
VDS = 25 V, VGS = 0 V,
f = 1.0MHz
--
670
870
pF
COSS
--
95
125
pF
CRSS
--
16
21
pF


Similar Part No. - MSF2N40

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF2N60 BWTECH-MSF2N60 Datasheet
957Kb / 8P
   600V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
More results

Similar Description - MSF2N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com