Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3128 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM3128
Description  3-Channel LowDropout Low Side White LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3128 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM3128 Datasheet HTML 2Page - SG Micro Corp SGM3128 Datasheet HTML 3Page - SG Micro Corp SGM3128 Datasheet HTML 4Page - SG Micro Corp SGM3128 Datasheet HTML 5Page - SG Micro Corp SGM3128 Datasheet HTML 6Page - SG Micro Corp SGM3128 Datasheet HTML 7Page - SG Micro Corp SGM3128 Datasheet HTML 8Page - SG Micro Corp SGM3128 Datasheet HTML 9Page - SG Micro Corp SGM3128 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3-Channel Low Dropout
Low Side White LED Driver
7
SG Micro Corp
www.sg-micro.com
SGM3128
APPLICATION INFORMATION
Enable Input
Drive EN high to enable the device; drive EN low to force
LED1, LED2 and LED3 into a high-impedance state.
When driven high, EN draws 240μA to power the IC.
Driving EN low longer than 3ms will disable the device
and the typical supply current will be less than 1µA.
Input UVLO
The input operating voltage range of the SGM3128 is
2.5V to 5.5V. An input capacitor at the VCC pin could
reduce ripple voltage. It is recommended to use a
ceramic 0.1μF or larger capacitance as the input
capacitor. This IC provides an under voltage lockout
(UVLO) function to prevent it from unstable issue when
startup. The UVLO threshold of input rising voltage is set
at 2.1V typically with a hysteresis 0.11V.
LED Brightness Dimming Control
For controlling the LED brightness, the SGM3128 can
perform the dimming control by applying a PWM signal to
EN pin. When an external PWM signal is applied to the
EN pin, brightness of white LED is adjusted by the duty
cycle. The average LED current is proportional to the
PWM signal duty cycle. The magnitude of the PWM
signal must be higher than the minimum level of enable
input high level, in order to let the dimming control
perform correctly. The suggested PWM frequency range
is 20kHz to 200Hz.


Similar Part No. - SGM3128

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3122 SGMICRO-SGM3122 Datasheet
368Kb / 17P
   PWM Brightness Control
SGM3122 SGMICRO-SGM3122 Datasheet
2Mb / 16P
   White LED Charge Pump Current Source with PWM Brightness Control
SGM3122YTQ16G/TR SGMICRO-SGM3122YTQ16G/TR Datasheet
2Mb / 16P
   White LED Charge Pump Current Source with PWM Brightness Control
SGM3122 SGMICRO-SGM3122_16 Datasheet
2Mb / 16P
   White LED Charge Pump Current Source with PWM Brightness Control
SGM3123 SGMICRO-SGM3123 Datasheet
307Kb / 10P
   White LED Driver with LowDropout CurrentSource
More results

Similar Description - SGM3128

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3123 SGMICRO-SGM3123 Datasheet
307Kb / 10P
   White LED Driver with LowDropout CurrentSource
SGM3135 SGMICRO-SGM3135 Datasheet
302Kb / 10P
   Low Side White LED Driver
logo
Sitronix Technology Co....
ST1208 SITRONIX-ST1208 Datasheet
254Kb / 12P
   3-Channel White LED Driver
logo
Monolithic Power System...
MP4700 MPS-MP4700 Datasheet
628Kb / 19P
   High-Brightness, BCM, Low Side Buck White LED Driver
logo
Motorola, Inc
MPIC2131 MOTOROLA-MPIC2131 Datasheet
172Kb / 6P
   3 HIGH SIDE & 3 LOW SIDE DRIVER
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
   2 or 3 Channel Low Dropout High Side Linear LED Driver
logo
Rohm
BD6586MUV ROHM-BD6586MUV_12 Datasheet
626Kb / 24P
   4-Channel White LED Driver
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
   8-Channel White LED Driver
logo
Richtek Technology Corp...
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
   3-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com