Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71T016 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71T016
Description  LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71T016 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71T016 Datasheet HTML 1Page - Integrated Device Technology IDT71T016 Datasheet HTML 2Page - Integrated Device Technology IDT71T016 Datasheet HTML 3Page - Integrated Device Technology IDT71T016 Datasheet HTML 4Page - Integrated Device Technology IDT71T016 Datasheet HTML 5Page - Integrated Device Technology IDT71T016 Datasheet HTML 6Page - Integrated Device Technology IDT71T016 Datasheet HTML 7Page - Integrated Device Technology IDT71T016 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
IDT71T016
LOW POWER 2V CMOS STATIC RAM 1 MEG (64K x 16-BIT)
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
DATA RETENTION CHARACTERISTICS OVER ALL TEMPERATURE RANGES
(VLC = 0.2V, VHC = VDD - 0.2V)
Symbol
Parameter
Test Condition
Min.
Typ.
(1)
Max.
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
Data Retention Current
<1
5
µA
tCDR
(3)
Chip Deselect to Data
CS ≥ VHC
0—
ns
Retention Time
tR
(3)
Operation Recovery Time
tRC
(2)
——
ns
NOTES:
3777 tbl 09
1. TA = +25
°C.
2. tRC = Read Cycle Time.
3. This parameter is guaranteed by device characterization, but is not production tested.
AC TEST CONDITIONS
Input Pulse Levels
GND to VDD
Input Rise/Fall Times
3ns
Input Timing Reference Levels
VDD x 0.5
Output Reference Levels
VDD x 0.5
AC Test Load
See Figure 1
3777 tbl 09
LOW VDD DATA RETENTION WAVEFORM
3777 drw 05
DATA
RETENTION
MODE
1.8V
1.8V
VDR
≥ 1.5V
VIH
VIH
tR
tCDR
VDD
CS
VDR
3777 drw 04
3070
3150
50pF*
DATAOUT
VDD
AC TEST LOAD
*Including jig and scope capacitance.
Figure 1. AC Test Load


Similar Part No. - IDT71T016

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA10BF IDT-IDT71T016SA10BF Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA10BFI IDT-IDT71T016SA10BFI Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA10PH IDT-IDT71T016SA10PH Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA10PHI IDT-IDT71T016SA10PHI Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
More results

Similar Description - IDT71T016

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71L016 IDT-IDT71L016 Datasheet
80Kb / 8P
   LOW POWER 3V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T024 IDT-IDT71T024 Datasheet
62Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (128K x 8-BIT)
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Lyontek Inc.
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com