Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT14 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 3 Page - Analog Devices

  ADT14_15 Datasheet HTML 1Page - Analog Devices ADT14_15 Datasheet HTML 2Page - Analog Devices ADT14_15 Datasheet HTML 3Page - Analog Devices ADT14_15 Datasheet HTML 4Page - Analog Devices ADT14_15 Datasheet HTML 5Page - Analog Devices ADT14_15 Datasheet HTML 6Page - Analog Devices ADT14_15 Datasheet HTML 7Page - Analog Devices ADT14_15 Datasheet HTML 8Page - Analog Devices ADT14_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADT14
–3–
REV. 0
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUTS SET HIGH, SET LOW
Input Bias Current
IB
70
nA
OUTPUT VPTAT
Temperature Accuracy
TA = +25
°C, No Load
1.5
°C
OUTPUT VREF
Nominal Value
VREF
TA = +25°C, No Load
2.490
2.510
V
Line Regulation
4.5 V
≤ V ≤ 13.2 V
±0.08
%/V
Load Regulation
10
µA ≤ IV
REF
≤ 500 µA
±0.25
%/mA
OPEN-COLLECTOR OUTPUTS OVER, UNDER
Output Low Voltage
VOL
ISINK = 1.6 mA
0.4
V
Output Leakage Current
IOH
100
µA
POWER SUPPLY
Supply Range
V+
4.5
5.5
V
Supply Current
ISY
Unloaded
600
µA
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly and nominal yield loss, yield after packaging is not guaranteed for
standard product dice. Consult factory to negotiate specifications based on lot qualification through sample lot assembly and testing.
DICE CHARACTERISTICS
Die Size 0.069
× 0.080 inch, 5520 sq. mils
(1.75
× 2.03 mm, 3.55 sq. mm)
Transistor Count: 130
(V+ = +5 V, GND = 0 V, TA = +25 C unless otherwise noted)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADT14 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
OBSOLETE


Similar Part No. - ADT14_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT14GP AD-ADT14GP Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14GS AD-ADT14GS Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
More results

Similar Description - ADT14_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
   MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
Analog Devices
AD597AHZ AD-AD597AHZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596 Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
logo
Linear Technology
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com