Electronic Components Datasheet Search |
|
IDT71421SA Datasheet(PDF) 4 Page - Integrated Device Technology |
|
IDT71421SA Datasheet(HTML) 4 Page - Integrated Device Technology |
4 / 16 page 4 IDT7132SA/LA and IDT 7142SA/LA High Speed 2K x 8 Dual Port Static RAM Military, Industrial and Commercial Temperature Ranges DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,5,8) (VCC = 5.0V ± 10%) NOTES: 1. 'X' in part numbers indicates power rating (SA or LA). 2. PLCC Package only 3. At f = fMax, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC TEST CONDITIONS” of input levels of GND to 3V. 4. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby. 5. Vcc = 5V, TA=+25°C for Typ and is not production tested. Vcc DC = 100mA (Typ) 6. Port "A" may be either left or right port. Port "B" is opposite from port "A". 7. Not available in DIP packages. 8. Industrial temperature: for specific speeds, packages and powers contact your sales office. 7132X20(2) 7142X20(2) Com'l Only 7132X25(7) 7142X25(7) Com'l, Ind & Military 7132X35 7142X35 Com'l & Military Symbol Parameter Test Condition Version Typ. Max. Typ. Max. Typ. Max. Unit ICC Dynamic Operating Current (Both Ports Active) CEL = CER = VIL, Outputs Disabled f = fMAX(3) COM'L SA LA 110 110 250 200 110 110 220 170 80 80 165 120 mA MIL & IND SA LA ____ ____ ____ ____ 110 110 280 220 80 80 230 170 ISB1 Standby Current (Both Ports - TTL Level Inputs) CEL = CER = VIH, f = fMAX(3) COM'L SA LA 30 30 65 45 30 30 65 45 25 25 65 45 mA MIL & IND SA LA ____ ____ ____ ____ 30 30 80 60 25 25 80 60 ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(6) Active Port Outputs Disabled f=fMAX(3) COM'L SA LA 65 65 165 125 65 65 150 115 50 50 125 90 mA MIL & IND SA LA ____ ____ ____ ____ 65 65 160 125 50 50 150 115 ISB3 Full Standby Current (Both Ports - All CMOS Level Inputs) CEL and CER > VCC -0.2V VIN > VCC -0.2V or VIN < 0.2V, f = 0(4) COM'L SA LA 1.0 0.2 15 5 1.0 0.2 15 5 1.0 0.2 15 4 mA MIL & IND SA LA ____ ____ ____ ____ 1.0 0.2 30 10 1.0 0.2 30 10 ISB4 Full Standby Current (One Port - All CMOS Level Inputs) CE"A" < 0.2V andCE"B" > VCC -0.2V(6) VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled f = fMAX(3) COM'L SA LA 60 60 155 115 60 60 145 105 45 45 110 85 mA MIL & IND SA LA ____ ____ ____ ____ 60 60 155 115 45 45 145 105 2692 tbl 04a 7132X55 7142X55 Com'l & Military 7132X100 7142X100 Com'l & Military Symbol Parameter Test Condition Version Typ. Max. Typ. Max. Unit ICC Dynamic Operating Current (Both Ports Active) CEL = CER = VIL, Outputs Disabled f = fMAX(3) COM'L SA LA 65 65 155 110 65 65 155 110 mA MIL & IND SA LA 65 65 190 140 65 65 190 140 ISB1 Standby Current (Both Ports - TTL Level Inputs) CEL = CER = VIH, f = fMAX(3) COM'L SA LA 20 20 65 35 20 20 55 35 mA MIL & IND SA LA 20 20 65 45 20 20 65 45 ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(6) Active Port Outputs Disabled f=fMAX(3) COM'L SA LA 40 40 110 75 40 40 110 75 mA MIL & IND SA LA 40 40 125 90 40 40 125 90 ISB3 Full Standby Current (Both Ports - All CMOS Level Inputs) CEL and CER > VCC -0.2V VIN > VCC -0.2V or VIN < 0.2V, f = 0(4) COM'L SA LA 1.0 0.2 15 4 1.0 0.2 15 4 mA MIL & IND SA LA 1.0 0.2 30 10 1.0 0.2 30 10 ISB4 Full Standby Current (One Port - All CMOS Level Inputs) CE"A" < 0.2V and CE"B" > VCC -0.2V(6) VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled f = fMAX(3) COM'L SA LA 40 40 100 70 40 40 95 70 mA MIL & IND SA LA 40 40 110 85 40 40 110 80 2692 tbl 04b |
Similar Part No. - IDT71421SA |
|
Similar Description - IDT71421SA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |