Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70824S25PFB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70824S25PFB
Description  HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70824S25PFB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70824S25PFB Datasheet HTML 7Page - Integrated Device Technology IDT70824S25PFB Datasheet HTML 8Page - Integrated Device Technology IDT70824S25PFB Datasheet HTML 9Page - Integrated Device Technology IDT70824S25PFB Datasheet HTML 10Page - Integrated Device Technology IDT70824S25PFB Datasheet HTML 11Page - Integrated Device Technology IDT70824S25PFB Datasheet HTML 12Page - Integrated Device Technology IDT70824S25PFB Datasheet HTML 13Page - Integrated Device Technology IDT70824S25PFB Datasheet HTML 14Page - Integrated Device Technology IDT70824S25PFB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
6.42
IDT70824S/L
High-Speed 4K x 16 Sequential Access Random Access Memory
Military and Commercial Temperature Ranges
11
Random Access Port: AC Electrical Characteristics Over
the Operating Temperature and Supply Voltage Range(2,4,5)
Random Access Port: AC Electrical Characteristics
Over the Operating Temperature and Supply Voltage(2,4,5)
NOTES:
1. Transition measured at 0mV from steady state. This parameter is guaranteed with the AC Output Test Load (Figure 1) by device characterization, but is not
production tested.
2. 'X' in part number indicates power rating (S or L).
3.
OE is continuously HIGH, OE = VIH. If during the R/W controlled write cycle the OE is LOW, tWP must be greater or equal to tWHZ + tDW to allow the I/O drivers to
turn off and on the data to be placed on the bus for the required tDW. If
OE is HIGH during the R/W controlled write cycle, this requirement does not apply and the minimum
write pulse is the specified tWP. For the
CE controlled write cycle, OE may be LOW with no degradation to tCW timing.
4.
CMD access follows standard timing listed for both read and write accesses, (CE = VIH when CMD = VIL) or (CMD = VIH when CE = VIL).
5. Industrial temperature: for specific speeds, packages and powers contact your sales office.
70824X20
Com'l Only
70824X25
Com'l Only
70824X35
Com'l &
Military
70824X45
Com'l &
Military
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
45
____
ns
tAA
Address Access Time
____
20
____
25
____
35
____
45
ns
tACE
Chip Enable Access Time
____
20
____
25
____
35
____
45
ns
tBE
Byte Enable Access Time
____
20
____
25
____
35
____
45
ns
tOE
Output Enable Access Time
____
10
____
10
____
15
____
20
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
3
____
ns
tCLZ
Chip Select Low-Z Time
(1)
3
____
3
____
3
____
3
____
ns
tBLZ
Byte Select Low-Z Time
(1)
3
____
3
____
3
____
3
____
ns
tOLZ
Output Enable Low-Z Time
(1)
2
____
2
____
2
____
2
____
ns
tCHZ
Chip Select High-Z Time
(1)
____
10
. ____
12
____
15
____
15
ns
tBHZ
Byte Select High-Z Time
(1)
____
10
____
12
____
15
____
15
ns
tOHZ
Output Select High-Z Time
(1)
____
9
____
11
____
15
____
15
ns
tPU
Chip Select Power-Up Time
0
____
0
____
0
____
0
____
ns
tPD
Chip Select Power-Down Time
____
20
____
25
____
35
____
45
ns
3099 tbl 20
Symbol
Parameter
70824X20
Com'l Only
70824X25
Com'l Only
70824X35
Com'l &
Military
70824X45
Com'l &
Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
20
____
25
____
35
____
45
____
ns
tCW
Chip Enable to End-of-Write
15
____
20
____
25
____
30
____
ns
tAW
Address Valid to End-of-Write
(3)
15
____
20
____
25
____
30
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
(3)
13
____
20
____
25
____
30
____
ns
tBP
Byte Enable Pulse Width
(3)
15
____
20
____
25
____
30
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
0
____
ns
tWHZ
Write Enable Output High-Z Time
(1)
____
10
____
12
____
15
____
15
ns
tDW
Data Set-up Time
13
____
15
____
20
____
25
____
ns
tDH
Data Hold Time
0
____
0
____
0
____
0
____
ns
tOW
Output Active from End-of-Write
3
____
3
____
3
____
3
____
ns
3099 tbl 21


Similar Part No. - IDT70824S25PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825L IDT-IDT70825L Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20G IDT-IDT70825L20G Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20GB IDT-IDT70825L20GB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PF IDT-IDT70825L20PF Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PFB IDT-IDT70825L20PFB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70824S25PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825S IDT-IDT70825S Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
Motorola, Inc
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
   4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com