Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7027S35PFB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7027S35PFB
Description  HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7027S35PFB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7027S35PFB Datasheet HTML 5Page - Integrated Device Technology IDT7027S35PFB Datasheet HTML 6Page - Integrated Device Technology IDT7027S35PFB Datasheet HTML 7Page - Integrated Device Technology IDT7027S35PFB Datasheet HTML 8Page - Integrated Device Technology IDT7027S35PFB Datasheet HTML 9Page - Integrated Device Technology IDT7027S35PFB Datasheet HTML 10Page - Integrated Device Technology IDT7027S35PFB Datasheet HTML 11Page - Integrated Device Technology IDT7027S35PFB Datasheet HTML 12Page - Integrated Device Technology IDT7027S35PFB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
6.42
IDT7027S/L
High-Speed 32K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
9
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM
CE= VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time. Refer to Chip Enable
Truth Table.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
5. 'X' in part numbers indicates power rating (S or L).
6.
Industrial temperature: for other speeds, packages and powers contact your sales office.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5,6)
Symbol
Parameter
7027X20
Com'l Only
7027X25
Com'l, Ind
& Military
7027X35
Com'l &
Military
7027X55
Com'l &
Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
20
____
25
____
35
____
55
____
ns
tEW
Chip Enable to End-of-Write
(3)
15
____
20
____
30
____
45
____
ns
tAW
Address Valid to End-of-Write
15
____
20
____
30
____
45
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
15
____
20
____
25
____
40
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
15
____
15
____
30
____
ns
tHZ
Output High-Z Time
(1,2)
____
12
____
15
____
15
____
25
ns
tDH
Data Hold Time
(4)
0
____
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
12
____
15
____
15
____
25
ns
tOW
Output Active from End-of-Write
(1,2,4)
0
____
0
____
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
5
____
5
____
ns
3199 tbl 13


Similar Part No. - IDT7027S35PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7027S IDT-IDT7027S Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7027S35PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
   HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7037 IDT-IDT7037 Datasheet
150Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com