Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IDT71256SA70 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT71256SA70
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

   
 3 page
background image
IDT71256SA70
CMOS STATIC RAM 256K (32K x 8-BIT)
COMMERCIAL TEMPERATURE RANGES
3
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
AC Test Load
See Figures 1 and 2
3567 tbl 07
Figure 2. AC Test Load
(for tCLZ, tOLZ, tCHZ, tOHZ, tOW, and tWHZ)
Figure 1. AC Test Load
*Including jig and scope capacitance.
3567 drw 04
480
255
30pF*
DATAOUT
5V
3567 drw 05
480
255
5pF*
DATAOUT
5V
DC ELECTRICAL CHARACTERISTICS
(1)
(VCC = 5.0V
± 10%, VLC = 0.2V, VHC = VCC–0.2V)
71256SA70
Symbol
Parameter
Com’l.
Unit
ICC
Dynamic Operating Current
130
mA
CS ≤ VIL, Outputs Open, VCC = Max., f = fMAX(2)
ISB
Standby Power Supply Current (TTL Level)
20
mA
CS ≥ VIH, Outputs Open, VCC = Max., f = fMAX(2)
ISB1
Standby Power Supply Current (CMOS Level)
15
mA
CS ≥ VHC, Outputs Open, VCC = Max., f = 0(2)
VIN
≤ VLC or VIN ≥ VHC
NOTES:
3567 tbl 06
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address input lines are changing .




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT71256SCMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT71256SACMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
LH51256CMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LH51256LCMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreSharp Electrionic Components
LH52256CCMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
LH52B256CMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
PDM41256256K Static RAM 32K x 8-Bit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
61LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IC61C256AH32K x 8 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
M5M5256DFP-10VLL-I262144-BIT 32768-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl