Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IDT71256SA Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT71256SA
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

   
 5 page
background image
6.42
IDT71256SA
CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
5
Timing Waveform of Read Cycle No. 1(1)
ADDRESS
OE
CS
DATAOUT
VCC SUPPLY
CURRENT
2948 drw 05
(5)
(5)
(5)
(5)
DATA
VALID
HIGH IMPEDANCE
tAA
tRC
tOE
tACS
tOLZ
tCHZ
tCLZ
(3)
tOHZ
OUT
tPU
tPD
ICC
ISB
,
Timing Waveform of Read Cycle No. 2(1,2,4)
NOTES:
1.
WE is HIGH for Read Cycle.
2. Device is continuously selected,
CS is LOW.
3. Address must be valid prior to or coincident with the later of
CS transition LOW; otherwise tAA is the limiting parameter.
4.
OE is LOW.
5. Transition is measured ±200mV from steady state.
DATAOUT
ADDRESS
2948 drw 06
tRC
tAA
tOH
tOH
DATAOUT VALID
PREVIOUS DATAOUT VALID
,




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT71256SCMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT71256SA70CMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
LH51256CMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LH51256LCMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreSharp Electrionic Components
LH52256CCMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
LH52B256CMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
PDM41256256K Static RAM 32K x 8-Bit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
61LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IC61C256AH32K x 8 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
M5M5256DFP-10VLL-I262144-BIT 32768-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl