Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IDT71256SA Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT71256SA
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

   
 4 page
background image
4
IDT71256SA
CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
AC Electrical Characteristics (VCC = 5.0V ± 10%)
NOTE:
1. This parameter is guaranteed with the AC Load (Figure 2) by device characterization, but is not production tested.
Symbol
Parameter
71256SA12
71256SA15
71256SA20
71256SA25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
12
____
15
____
20
____
25
____
ns
tAA
Address Access Time
____
12
____
15
____
20
____
25
ns
tACS
Chip Select Access Time
____
12
____
15
____
20
____
25
ns
tCLZ(1)
Chip Select to Output in Low-Z
4
____
4
____
4
____
4
____
ns
tCHZ(1)
Chip Sele ct to Output in High-Z
0
6070
10
0
11
ns
tOE
Output Enable to Output Valid
____
6
____
7
____
10
____
11
ns
tOLZ(1)
Output Enab le to Output in Low-Z
0
____
0
____
0
____
0
____
ns
tOHZ(1)
Output Disab le to Output in High-Z
0
60608
0
10
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
3
____
ns
tPU(1)
Chip Sele ct to Power Up Time
0
____
0
____
0
____
0
____
ns
tPD(1)
Chip Deselect to Power Down Time
____
12
____
15
____
20
____
25
ns
Write Cycle
tWC
Write Cycle Time
12
____
15
____
20
____
25
____
ns
tAW
Address Valid to End-of-Write
9
____
10
____
15
____
20
____
ns
tCW
Chip Select to End-of-Write
9
____
10
____
15
____
20
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
8
____
10
____
15
____
20
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
6
____
7
____
11
____
13
____
ns
tDH
Data Hold Time
0
____
0
____
0
____
0
____
ns
tOW(1)
Output Active from End-of-Write
4
____
4
____
4
____
4
____
ns
tWHZ(1)
Write Enab le to Output in High-Z
0
6060
10
0
11
ns
2948 tbl 09




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT71256SCMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT71256SA70CMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
LH51256CMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LH51256LCMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreSharp Electrionic Components
LH52256CCMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
LH52B256CMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
PDM41256256K Static RAM 32K x 8-Bit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
61LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IC61C256AH32K x 8 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
M5M5256DFP-10VLL-I262144-BIT 32768-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl